Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS247Z Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BTS247Z
Description  Enhancement mode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS247Z Datasheet(HTML) 5 Page - Infineon Technologies AG

  BTS247Z_13 Datasheet HTML 1Page - Infineon Technologies AG BTS247Z_13 Datasheet HTML 2Page - Infineon Technologies AG BTS247Z_13 Datasheet HTML 3Page - Infineon Technologies AG BTS247Z_13 Datasheet HTML 4Page - Infineon Technologies AG BTS247Z_13 Datasheet HTML 5Page - Infineon Technologies AG BTS247Z_13 Datasheet HTML 6Page - Infineon Technologies AG BTS247Z_13 Datasheet HTML 7Page - Infineon Technologies AG BTS247Z_13 Datasheet HTML 8Page - Infineon Technologies AG BTS247Z_13 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Data Sheet
5
Rev.1.4, 2013-07-26
Speed TEMPFET
BTS247Z
Electrical Characteristics
Parameter
Symbol
Values
Unit
at
Tj = 25°C, unless otherwise specified
min.
typ.
max.
Reverse Diode
Inverse diode continuous forward current
TC = 25 °C
IS
33
-
-
A
Inverse diode direct current,pulsed
TC = 25 °C
IFM
180
-
-
Inverse diode forward voltage
VGS = 0 V, IF = 90 A
VSD
-
1.1
1.7
V
Reverse recovery time
VR = 30 V, IF=IS, diF/dt = 100 A/μs
trr
-
75
115
ns
Reverse recovery charge
VR = 30 V, IF=IS, diF/dt = 100 A/μs
Qrr
-
0.15
0.25
μC
Sensor Characteristics
For temperature sensing, i.e. temperature protection, please consider application note
"Temperature sense concept - Speed TEMPFET”.
For short circuit protection please consider application note "Short circuit behaviour of
the Speed TEMPFET family”.
All application notes are available at http://www.infineon.com/tempfet/
Forward voltage
IAK(on) = 5 mA, Tj = -40...+150 °C
IAK(on) = 1.5 mA, Tj = 150 °C
VAK(on)
-
-
1.3
-
1.4
0.9
V
Sensor override
tP = 100 μs, Tj = -40...+150 °C
-
-
10
Forward current
Tj = -40...+150 °C
IAK(on)
-
-
5
mA
Sensor override
tP = 100 μs, Tj = -40...+150 °C
-
-
600


Similar Part No. - BTS247Z_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS247Z INFINEON-BTS247Z_09 Datasheet
312Kb / 14P
   Speed TEMPFET
Rev.1.3, 2009-12-04
More results

Similar Description - BTS247Z_13

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BUZ50B NJSEMI-BUZ50B Datasheet
102Kb / 4P
   Enhancement mode
BUZ41A NJSEMI-BUZ41A Datasheet
105Kb / 4P
   Enhancement mode
BUZ72A NJSEMI-BUZ72A Datasheet
98Kb / 4P
   Enhancement mode
logo
Infineon Technologies A...
BSL296SN INFINEON-BSL296SN Datasheet
546Kb / 10P
   Enhancement mode
Rev 2.0 2014-10-16
BSP612P INFINEON-BSP612P Datasheet
503Kb / 9P
   Enhancement mode
Rev 2.0 2015-10-07
BSZ15DC02KDH INFINEON-BSZ15DC02KDH Datasheet
576Kb / 13P
   Enhancement mode
Rev 2.2 2014-08-28
BSD223P INFINEON-BSD223P_14 Datasheet
326Kb / 9P
   Enhancement mode
Rev.1.6 2014-07-29
BSD235N INFINEON-BSD235N_14 Datasheet
507Kb / 9P
   Enhancement mode
Rev 2.5 2014-07-29
SPI80N06S2L-11 INFINEON-SPI80N06S2L-11 Datasheet
338Kb / 8P
   Enhancement mode
2004-11-02
logo
New Jersey Semi-Conduct...
BUZ30A NJSEMI-BUZ30A Datasheet
104Kb / 4P
   Enhancement mode
BUZ72L NJSEMI-BUZ72L Datasheet
82Kb / 3P
   Enhancement mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com