Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DD100N Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # DD100N
Description  Electrically insulated base plate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DD100N Datasheet(HTML) 2 Page - Infineon Technologies AG

  DD100N Datasheet HTML 1Page - Infineon Technologies AG DD100N Datasheet HTML 2Page - Infineon Technologies AG DD100N Datasheet HTML 3Page - Infineon Technologies AG DD100N Datasheet HTML 4Page - Infineon Technologies AG DD100N Datasheet HTML 5Page - Infineon Technologies AG DD100N Datasheet HTML 6Page - Infineon Technologies AG DD100N Datasheet HTML 7Page - Infineon Technologies AG DD100N Datasheet HTML 8Page - Infineon Technologies AG DD100N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Netz-Dioden-Modul
Rectifier Diode Module
Technische Information /
technical information
DD100N16S
Date of Publication 2014-08-15
Revision 3.1
Seite/page: 2/10
Elektrische Eigenschaften / Electrical properties
Höchstzulässige Werte / Maximum rated values
DD100N16S
Periodische Spitzensperrspannung
repetitive peak reverse voltages
Tvj = -40°C... Tvj max
VRRM
1600 V
Stoßspitzensperrspannung
non-repetitive peak reverse voltage
Tvj = +25°C... Tvj max
VRSM
1700 V
Durchlaßstrom-Grenzeffektivwert
maximum RMS on-state current
IFRMSM
210 A
Dauergrenzstrom
average on-state current
TC = 100 °C
IFAVM
134 A
Stoßstrom-Grenzwert
surge current
Tvj = 25°C, tP = 10ms
Tvj = Tvj max, tP = 10ms
IFSM
2500
2000
A
A
Grenzlastintegral
I²t-value
Tvj = 25°C, tP = 10ms
Tvj = Tvj max, tP = 10ms
I²t
31250
20000
A²s
A²s
Charakteristische Werte / Characteristic values
Durchlaßspannung
on-state voltage
Tvj = 25°C
iF = 300A
vF
max.
1,6 V
Schleusenspannung
threshold voltage
Tvj = Tvj max
V(TO)
max.
0,87 V
Ersatzwiderstand
slope resistance
Tvj = Tvj max
rT
max.
2,45 mΩ
Sperrstrom
reverse current
Tvj = Tvj max , vR = VRRM
iR
max.
3 mA
Isolations-Prüfspannung
insulation test voltage
RMS, f = 50Hz, t = 1 sec
RMS, f = 50Hz, t = 1 min
VISOL
3,6
3,0
kV
kV
Thermische Eigenschaften / Thermal properties
Innerer Wärmewiderstand
thermal resistance, junction to case
pro Modul / per Module,
Θ = 180° sin
pro Zweig / per arm,
Θ = 180° sin
pro Modul / per Module, DC
pro Zweig / per arm, DC
RthJC
max.
max.
max.
max.
0,100
0,200
0,095
0,190
K/W
K/W
K/W
K/W
Übergangs-Wärmewiderstand
thermal resistance, case to heatsink
pro Modul / per Module
pro Zweig / per arm
RthCH
max.
max.
0,11
0,22
K/W
K/W
Höchstzulässige Sperrschichttemperatur
maximum junction temperature
Tvj max
130 °C
Betriebstemperatur
operating temperature
Tc op
- 40...+125 °C
Lagertemperatur
storage temperature
Tstg
- 40...+125 °C
prepared by: Je
date of publication: 2014-08-15
approved by: ML
revision:
3.1


Similar Part No. - DD100N

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DD1000 SEMTECH-DD1000 Datasheet
93Kb / 2P
   FAST RECOVERY HIGH VOLTAGE SILICON RECTIFIERS
logo
Diotec Semiconductor
DD1000 DIOTEC-DD1000 Datasheet
127Kb / 2P
   Fast Switching High Voltage Si-Rectifiers
DD1000 DIOTEC-DD1000 Datasheet
58Kb / 2P
   Fast Switching High Voltage Si-Rectifiers Schnelle Si-Hochspannungs-Gleichrichter
DD1000 DIOTEC-DD1000 Datasheet
133Kb / 2P
   Fast Recovery High Voltage Rectifier Diodes
logo
DONGGUAN YOU FENG WEI E...
DD1000 YFWDIODE-DD1000 Datasheet
351Kb / 2P
   Fast recovery high voltage diodes
More results

Similar Description - DD100N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TT120N INFINEON-TT120N Datasheet
402Kb / 11P
   Electrically insulated base plate
logo
GeneSiC Semiconductor, ...
MBR2X060A150 GENESIC-MBR2X060A150 Datasheet
395Kb / 3P
   Electrically Isolated Base Plate
MBR2X080A120 GENESIC-MBR2X080A120 Datasheet
400Kb / 3P
   Electrically Isolated Base Plate
MBR2X120A180 GENESIC-MBR2X120A180 Datasheet
314Kb / 3P
   Electrically Isolated Base Plate
logo
Vishay Siliconix
VS-VSKS500 VISHAY-VS-VSKS500 Datasheet
157Kb / 8P
   Electrically isolated base plate
Revision: 19-Dec-13
logo
GeneSiC Semiconductor, ...
MBR2X080A080 GENESIC-MBR2X080A080 Datasheet
326Kb / 3P
   Electrically Isolated Base Plate
MBR2X100A045 GENESIC-MBR2X100A045 Datasheet
340Kb / 3P
   Electrically Isolated Base Plate
MBR2X060A180 GENESIC-MBR2X060A180 Datasheet
323Kb / 3P
   Electrically Isolated Base Plate
MBR2X080A100 GENESIC-MBR2X080A100 Datasheet
326Kb / 3P
   Electrically Isolated Base Plate
MBR2X080A150 GENESIC-MBR2X080A150 Datasheet
323Kb / 3P
   Electrically Isolated Base Plate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com