Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE1610 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE1610
Description  0.1 MHz to 50 GHz 2.4mm Bias Tee Rated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1610 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE1610 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1610 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1610 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2013 Pasternack Enterprises All Rights Reserved
PE1610 REV 1.2
0.1 MHz to 50 GHz 2.4mm Bias Tee Rated To 150 mA And 25 Volts DC
PE1610
CAD Drawing


Similar Part No. - PE1610

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1611 PASTERNACK-PE1611 Datasheet
223Kb / 3P
   10 MHz to 2.5 GHz SMA Bias Tee Rated
PE1612 PASTERNACK-PE1612 Datasheet
225Kb / 3P
   10 MHz to 2.5 GHz N Bias Tee Rated
PE1613 PASTERNACK-PE1613 Datasheet
218Kb / 3P
   10 MHz to 4 GHz SMA Bias Tee Rated
PE1614 PASTERNACK-PE1614 Datasheet
348Kb / 2P
   30 MHz to 4 GHz N Bias Tee Rated To 2500 mA And 100 Volts DC
PE1615 PASTERNACK-PE1615 Datasheet
226Kb / 3P
   10 MHz to 6 GHz SMA Bias Tee Rated
More results

Similar Description - PE1610

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1607 PASTERNACK-PE1607 Datasheet
252Kb / 3P
   0.1 MHz to 18 GHz SMA Bias Tee Rated
PE1608 PASTERNACK-PE1608 Datasheet
311Kb / 3P
   0.1 MHz To 26.5 GHz 3.5mm Bias Tee
logo
Mini-Circuits
ZFBT-6GW MINI-ZFBT-6GW Datasheet
204Kb / 2P
   Bias-Tee 50廓 Wideband 0.1 to 6000 MHz
logo
Pasternack Enterprises,...
PE1612 PASTERNACK-PE1612 Datasheet
225Kb / 3P
   10 MHz to 2.5 GHz N Bias Tee Rated
PE1615 PASTERNACK-PE1615 Datasheet
226Kb / 3P
   10 MHz to 6 GHz SMA Bias Tee Rated
PE1618 PASTERNACK-PE1618 Datasheet
320Kb / 2P
   500 MHz to 2.5 GHz N Bias Tee Rated
PE1617 PASTERNACK-PE1617 Datasheet
216Kb / 3P
   250 MHz to 2.5 GHz SMA Bias Tee Rated
PE1611 PASTERNACK-PE1611 Datasheet
223Kb / 3P
   10 MHz to 2.5 GHz SMA Bias Tee Rated
PE1613 PASTERNACK-PE1613 Datasheet
218Kb / 3P
   10 MHz to 4 GHz SMA Bias Tee Rated
PE1606A PASTERNACK-PE1606A Datasheet
468Kb / 3P
   0.1 MHz to 12.4 GHz SMA Bias Tee Rated to 750 mA And 24 Volts DC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com