Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKQ100N60TA Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IKQ100N60TA
Description  600V low loss switching series third generation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKQ100N60TA Datasheet(HTML) 2 Page - Infineon Technologies AG

  IKQ100N60TA Datasheet HTML 1Page - Infineon Technologies AG IKQ100N60TA Datasheet HTML 2Page - Infineon Technologies AG IKQ100N60TA Datasheet HTML 3Page - Infineon Technologies AG IKQ100N60TA Datasheet HTML 4Page - Infineon Technologies AG IKQ100N60TA Datasheet HTML 5Page - Infineon Technologies AG IKQ100N60TA Datasheet HTML 6Page - Infineon Technologies AG IKQ100N60TA Datasheet HTML 7Page - Infineon Technologies AG IKQ100N60TA Datasheet HTML 8Page - Infineon Technologies AG IKQ100N60TA Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
IKQ100N60TA
TRENCHSTOPTMseries
Rev.2.2,2014-11-21
LowLossDuoPack:IGBTinTRENCHSTOPTMandFieldstoptechnology
withsoft,fastrecoveryantiparallelEmitterControlleddiode

Features:
•AutomotiveAEC-Q101qualified
•DesignedforDC/ACconvertersforAutomotiveApplication
•VerylowVCE(sat)1.5V(typ.)
•Maximumjunctiontemperature175°C
•Shortcircuitwithstandtime5µs
•100%shortcircuittested
•100%ofthepartsaredynamicallytested
•TRENCHSTOPTMandFieldstoptechnologyfor600V
applicationsoffers:
-verytightparameterdistribution
-highruggedness,temperaturestablebehavior
-veryhighswitchingspeed
•PositivetemperaturecoefficientinVCE(sat)
•LowEMI
•LowgatechargeQG
•Greenpackage
•Verysoft,fastrecoveryantiparallelEmitterControlledHEdiode
Applications:
•Maininverter
•Air-Concompressor
•PTCheater
•Motordrives
G
C
E
KeyPerformanceandPackageParameters
Type
VCE
IC
VCEsat,Tvj=25°C
Tvjmax
Marking
Package
IKQ100N60TA
600V
100A
1.5V
175°C
K100T60A
PG-TO247-3


Similar Part No. - IKQ100N60TA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKQ100N60T INFINEON-IKQ100N60T Datasheet
1Mb / 16P
   600V low loss switching series third generation
Rev.2.2,2014-11-18
More results

Similar Description - IKQ100N60TA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKQ100N60T INFINEON-IKQ100N60T Datasheet
1Mb / 16P
   600V low loss switching series third generation
Rev.2.2,2014-11-18
IKB20N60TA INFINEON-IKB20N60TA Datasheet
2Mb / 16P
   600V low loss switching series third generation
Rev.2.2,2013-08-21
IKP20N60TA INFINEON-IKP20N60TA_15 Datasheet
2Mb / 16P
   600V low loss switching series third generation
Rev.2.2,2013-08-27
IKW75N60H3 INFINEON-IKW75N60H3 Datasheet
1Mb / 16P
   600V hibh speed switching series third generation
2011-12-13 revision:1.2
IGW100N60H3 INFINEON-IGW100N60H3 Datasheet
1Mb / 14P
   600V high speed switching series third generation
Rev.1.2,2013-02-07
IKW60N60H3 INFINEON-IKW60N60H3 Datasheet
1Mb / 16P
   600V high speed switching series third generation
2012-05-29 revision:1.2
IGW50N60H3 INFINEON-IGW50N60H3_14 Datasheet
1Mb / 14P
   600V high speed switching series third generation
Rev.2.2,2014-03-12
IGB30N60H3 INFINEON-IGB30N60H3_14 Datasheet
1Mb / 14P
   600V high speed switching series third generation
Rev.2.3,2014-03-11
IGB20N60H3 INFINEON-IGB20N60H3 Datasheet
1Mb / 14P
   600V high speed switching series third generation
Rev.2.3,2014-03-11
IGW50N60H3 INFINEON-IGW50N60H3 Datasheet
1Mb / 14P
   600V high speed switching series third generation
2010-07-26 revision:1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com