Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPD60R400CE Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPD60R400CE
Description  600V CoolMOS™ CE Power Transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD60R400CE Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPD60R400CE Datasheet HTML 2Page - Infineon Technologies AG IPD60R400CE Datasheet HTML 3Page - Infineon Technologies AG IPD60R400CE Datasheet HTML 4Page - Infineon Technologies AG IPD60R400CE Datasheet HTML 5Page - Infineon Technologies AG IPD60R400CE Datasheet HTML 6Page - Infineon Technologies AG IPD60R400CE Datasheet HTML 7Page - Infineon Technologies AG IPD60R400CE Datasheet HTML 8Page - Infineon Technologies AG IPD60R400CE Datasheet HTML 9Page - Infineon Technologies AG IPD60R400CE Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
600VCoolMOS™CEPowerTransistor
IPD60R400CE,IPA60R400CE
Rev.2.0,2014-09-25
Final Data Sheet
4Electricalcharacteristics
atTj=25°C,unlessotherwisespecified
Table5Staticcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Drain-source breakdown voltage
V(BR)DSS
600
-
-
V
VGS=0V,ID=0.25mA
Gate threshold voltage
V(GS)th
2.5
3.0
3.5
V
VDS=VGS,ID=0.3mA
Zero gate voltage drain current
IDSS
-
-
-
10
1
-
µA
VDS=600,VGS=0V,Tj=25°C
VDS=600,VGS=0V,Tj=150°C
Gate-source leakage current
IGSS
-
-
100
nA
VGS=20V,VDS=0V
Drain-source on-state resistance
RDS(on)
-
-
0.34
0.89
0.40
-
VGS=10V,ID=3.8A,Tj=25°C
VGS=10V,ID=3.8A,Tj=150°C
Gate resistance
RG
-
7.5
-
f=1MHz,opendrain
Table6Dynamiccharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Input capacitance
Ciss
-
700
-
pF
VGS=0V,VDS=100V,f=1MHz
Output capacitance
Coss
-
46
-
pF
VGS=0V,VDS=100V,f=1MHz
Effective output capacitance,
energy related
1)
Co(er)
-
30
-
pF
VGS=0V,VDS=0...480V
Effective output capacitance,
time related
2)
Co(tr)
-
136
-
pF
ID=constant,VGS=0V,VDS=0...480V
Turn-on delay time
td(on)
-
11
-
ns
VDD=400V,VGS=13V,ID=4.8A,
RG=3.4
Ω;seetable10
Rise time
tr
-
9
-
ns
VDD=400V,VGS=13V,ID=4.8A,
RG=3.4
Ω;seetable10
Turn-off delay time
td(off)
-
56
-
ns
VDD=400V,VGS=13V,ID=4.8A,
RG=3.4
Ω;seetable10
Fall time
tf
-
8
-
ns
VDD=400V,VGS=13V,ID=4.8A,
RG=3.4
Ω;seetable10
Table7Gatechargecharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Gate to source charge
Qgs
-
4
-
nC
VDD=480V,ID=4.8A,VGS=0to10V
Gate to drain charge
Qgd
-
16
-
nC
VDD=480V,ID=4.8A,VGS=0to10V
Gate charge total
Qg
-
32
-
nC
VDD=480V,ID=4.8A,VGS=0to10V
Gate plateau voltage
Vplateau
-
5.4
-
V
VDD=480V,ID=4.8A,VGS=0to10V
1)Co(er)isafixedcapacitancethatgivesthesamestoredenergyasCosswhileVDSisrisingfrom0to80%Vo(BR)DSS
2)Co(tr)isafixedcapacitancethatgivesthesamestoredenergyasCosswhileVDSisrisingfrom0to80%Vo(BR)DSS


Similar Part No. - IPD60R400CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD60R400CE INFINEON-IPD60R400CE Datasheet
1Mb / 17P
   600V CoolMOS짧 CE Power Transistor
Rev.2.2,2016-08-08
logo
Inchange Semiconductor ...
IPD60R400CE ISC-IPD60R400CE Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPD60R400CE INFINEON-IPD60R400CE Datasheet
3Mb / 41P
   120 W 24 V 3.5 A 12 V 3 A SMPS demonstrator with IDP2308
Revision 1.0 2019-04-01
More results

Similar Description - IPD60R400CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA60R800CE INFINEON-IPA60R800CE Datasheet
1Mb / 17P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPA60R460CE INFINEON-IPA60R460CE Datasheet
1Mb / 17P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPD60R1K0CE INFINEON-IPD60R1K0CE Datasheet
2Mb / 16P
   600V CoolMOS™ CE Power Transistor
Rev.2.0,2014-09-25
IPD60R2K1CE INFINEON-IPD60R2K1CE Datasheet
2Mb / 16P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPD60R1K5CE INFINEON-IPD60R1K5CE Datasheet
2Mb / 16P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPA60R650CE INFINEON-IPA60R650CE Datasheet
1Mb / 17P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPD60R800CE INFINEON-IPD60R800CE Datasheet
1Mb / 17P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPA60R1K0CE INFINEON-IPA60R1K0CE Datasheet
871Kb / 13P
   600V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-26
IPA60R1K5CE INFINEON-IPA60R1K5CE Datasheet
863Kb / 13P
   600V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-26
IPS65R1K0CE INFINEON-IPS65R1K0CE Datasheet
1Mb / 15P
   650V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com