Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44802 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE44802
Description  1.85mm Female Bulkhead Precision Connector Clamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44802 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE44802 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44802 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44802 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2013 Pasternack Enterprises All Rights Reserved
3
PE44802 REV 1.0
1.85mm Female Bulkhead Precision Connector Clamp/Solder Attachment For
PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405, .252 inch D Hole
PE44802
CAD Drawing


Similar Part No. - PE44802

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4480 PASTERNACK-PE4480 Datasheet
223Kb / 3P
   HN Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4480 PASTERNACK-PE4480 Datasheet
320Kb / 3P
   HN Male Right Angle Connector Clamp/Solder Attachment
PE44800 PASTERNACK-PE44800 Datasheet
282Kb / 3P
   1.85mm Female Precision Connector Clamp-Solder
PE44801 PASTERNACK-PE44801 Datasheet
296Kb / 3P
   2.4mm Female Bulkhead Precision Connector Clamp/ Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405, .252 inch D Hole
PE44804 PASTERNACK-PE44804 Datasheet
243Kb / 2P
   TNC Male Connector with Delrin Insulator Crimp - Crimp Attachment For PE-C200, LMR-200
More results

Similar Description - PE44802

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44800 PASTERNACK-PE44800 Datasheet
282Kb / 3P
   1.85mm Female Precision Connector Clamp-Solder
PE4964 PASTERNACK-PE4964 Datasheet
283Kb / 3P
   C Female Bulkhead Connector Clamp
PE9717 PASTERNACK-PE9717 Datasheet
245Kb / 3P
   Precision 1.85mm Female to 1.85mm Female Adapter
PE91115 PASTERNACK-PE91115 Datasheet
214Kb / 3P
   Precision 1.85mm Female to 1.85mm Female Adapter
PE9715 PASTERNACK-PE9715 Datasheet
247Kb / 3P
   Precision 1.85mm Male to 1.85mm Female Adapter
PE4442-DS PASTERNACK-PE4442-DS Datasheet
291Kb / 1P
   N FEMALE BULKHEAD CLAMP ATTACHMENT
PE4440 PASTERNACK-PE4440 Datasheet
109Kb / 1P
   N FEMALE BULKHEAD CLAMP ATTACHMENT
PE4033 PASTERNACK-PE4033 Datasheet
224Kb / 3P
   SMA Female Bulkhead Connector Clamp/Solder Attachment
PE4391 PASTERNACK-PE4391_14 Datasheet
291Kb / 2P
   BNC Female Bulkhead Connector Clamp/Solder Attachment
PE91109 PASTERNACK-PE91109 Datasheet
249Kb / 3P
   Precision 1.0mm Female to 1.85mm Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com