Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPA80R1K4CE Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IPA80R1K4CE
Description  High peak current capability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA80R1K4CE Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IPA80R1K4CE Datasheet HTML 6Page - Infineon Technologies AG IPA80R1K4CE Datasheet HTML 7Page - Infineon Technologies AG IPA80R1K4CE Datasheet HTML 8Page - Infineon Technologies AG IPA80R1K4CE Datasheet HTML 9Page - Infineon Technologies AG IPA80R1K4CE Datasheet HTML 10Page - Infineon Technologies AG IPA80R1K4CE Datasheet HTML 11Page - Infineon Technologies AG IPA80R1K4CE Datasheet HTML 12Page - Infineon Technologies AG IPA80R1K4CE Datasheet HTML 13Page - Infineon Technologies AG IPA80R1K4CE Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
800VCoolMOS™CEPowerTransistor
IPA80R1K4CE
Rev.2.1,2015-06-23
Final Data Sheet
Diagram9:Typ.transfercharacteristics
VGS[V]
0
2
4
6
8
10
0
2
4
6
8
10
12
14
150 °C
25 °C
ID=f(VGS);|VDS|>2|ID|RDS(on)max;tp=10µs;parameter:Tj
Diagram10:Typ.gatecharge
Qgate[nC]
0
3
6
9
12
15
18
21
24
0
1
2
3
4
5
6
7
8
9
10
160 V
640 V
VGS=f(Qgate);ID=3.9Apulsed;parameter:VDD
Diagram11:Forwardcharacteristicsofreversediode
VSD[V]
0.0
0.5
1.0
1.5
2.0
10-1
100
101
102
25 °C
150 °C
IF=f(VSD);tp=10µs;parameter:Tj
Diagram12:Avalancheenergy
Tj[°C]
25
50
75
100
125
150
0
50
100
150
200
EAS=f(Tj);ID=1.2A;VDD=50V


Similar Part No. - IPA80R1K4CE

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPA80R1K4CE ISC-IPA80R1K4CE Datasheet
260Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IPA80R1K4CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA80R460CE INFINEON-IPA80R460CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
logo
Advanced Power Electron...
AP28G40GEM-HF A-POWER-AP28G40GEM-HF_16 Datasheet
69Kb / 4P
   High Peak Current Capability
AP28G40GEH A-POWER-AP28G40GEH Datasheet
140Kb / 5P
   High Peak Current Capability
logo
Infineon Technologies A...
IPA80R310CE INFINEON-IPA80R310CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
logo
Vishay Siliconix
SIHG20N50C VISHAY-SIHG20N50C Datasheet
189Kb / 8P
   High Peak Current Capability
Rev. C, 14-Mar-11
logo
Advanced Power Electron...
AP28G40GEM-HF A-POWER-AP28G40GEM-HF_14 Datasheet
52Kb / 3P
   High Peak Current Capability
logo
Infineon Technologies A...
IPA80R1K0CE INFINEON-IPA80R1K0CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
IPA80R650CE INFINEON-IPA80R650CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
IPI60R099CP INFINEON-IPI60R099CP_15 Datasheet
551Kb / 10P
   High peak current capability
2014-05-28 revision:2.1
logo
TE Connectivity Ltd
250 TEC-250 Datasheet
299Kb / 3P
   High peak current carrying capability up to 6000A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com