Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPA80R310CE Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPA80R310CE
Description  High peak current capability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA80R310CE Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPA80R310CE Datasheet HTML 2Page - Infineon Technologies AG IPA80R310CE Datasheet HTML 3Page - Infineon Technologies AG IPA80R310CE Datasheet HTML 4Page - Infineon Technologies AG IPA80R310CE Datasheet HTML 5Page - Infineon Technologies AG IPA80R310CE Datasheet HTML 6Page - Infineon Technologies AG IPA80R310CE Datasheet HTML 7Page - Infineon Technologies AG IPA80R310CE Datasheet HTML 8Page - Infineon Technologies AG IPA80R310CE Datasheet HTML 9Page - Infineon Technologies AG IPA80R310CE Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
800VCoolMOS™CEPowerTransistor
IPA80R310CE
Rev.2.1,2015-06-23
Final Data Sheet
4Electricalcharacteristics
atTj=25°C,unlessotherwisespecified
Table4Staticcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Drain-source breakdown voltage
V(BR)DSS
800
-
-
V
VGS=0V,ID=0.25mA
Gate threshold voltage
V(GS)th
2.1
3.0
3.9
V
VDS=VGS,ID=1mA
Zero gate voltage drain current
IDSS
-
-
-
-
25
250
µA
VDS=800,VGS=0V,Tj=25°C
VDS=800,VGS=0V,Tj=150°C
Gate-source leakage current
IGSS
-
-
100
nA
VGS=20V,VDS=0V
Drain-source on-state resistance
RDS(on)
-
-
0.25
0.78
0.31
-
VGS=10V,ID=11A,Tj=25°C
VGS=10V,ID=11A,Tj=150°C
Gate resistance
RG
-
0.7
-
f=1MHz,opendrain
Table5Dynamiccharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Input capacitance
Ciss
-
2320
-
pF
VGS=0V,VDS=100V,f=1MHz
Output capacitance
Coss
-
90
-
pF
VGS=0V,VDS=100V,f=1MHz
Effective output capacitance,
energy related
1)
Co(er)
-
59
-
pF
VGS=0V,VDS=0...480V
Effective output capacitance,
time related
2)
Co(tr)
-
124
-
pF
ID=constant,VGS=0V,VDS=0...480V
Turn-on delay time
td(on)
-
25
-
ns
VDD=400V,VGS=10V,ID=16.7A,
RG=4.7
Ω;seetable9
Rise time
tr
-
15
-
ns
VDD=400V,VGS=10V,ID=16.7A,
RG=4.7
Ω;seetable9
Turn-off delay time
td(off)
-
72
-
ns
VDD=400V,VGS=10V,ID=16.7A,
RG=4.7
Ω;seetable9
Fall time
tf
-
6
-
ns
VDD=400V,VGS=10V,ID=16.7A,
RG=4.7
Ω;seetable9
Table6Gatechargecharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Gate to source charge
Qgs
-
12
-
nC
VDD=640V,ID=16.7A,VGS=0to10V
Gate to drain charge
Qgd
-
46
-
nC
VDD=640V,ID=16.7A,VGS=0to10V
Gate charge total
Qg
-
91
-
nC
VDD=640V,ID=16.7A,VGS=0to10V
Gate plateau voltage
Vplateau
-
6.0
-
V
VDD=640V,ID=16.7A,VGS=0to10V
1)Co(er)isafixedcapacitancethatgivesthesamestoredenergyasCosswhileVDSisrisingfrom0to480V
2)Co(tr)isafixedcapacitancethatgivesthesamechargingtimeasCosswhileVDSisrisingfrom0to480V


Similar Part No. - IPA80R310CE

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPA80R310CE ISC-IPA80R310CE Datasheet
261Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPA80R310CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA80R460CE INFINEON-IPA80R460CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
logo
Advanced Power Electron...
AP28G40GEM-HF A-POWER-AP28G40GEM-HF_16 Datasheet
69Kb / 4P
   High Peak Current Capability
logo
Infineon Technologies A...
IPA80R1K4CE INFINEON-IPA80R1K4CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
logo
Advanced Power Electron...
AP28G40GEH A-POWER-AP28G40GEH Datasheet
140Kb / 5P
   High Peak Current Capability
logo
Vishay Siliconix
SIHG20N50C VISHAY-SIHG20N50C Datasheet
189Kb / 8P
   High Peak Current Capability
Rev. C, 14-Mar-11
logo
Advanced Power Electron...
AP28G40GEM-HF A-POWER-AP28G40GEM-HF_14 Datasheet
52Kb / 3P
   High Peak Current Capability
logo
Infineon Technologies A...
IPA80R1K0CE INFINEON-IPA80R1K0CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
IPA80R650CE INFINEON-IPA80R650CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
IPI60R099CP INFINEON-IPI60R099CP_15 Datasheet
551Kb / 10P
   High peak current capability
2014-05-28 revision:2.1
logo
TE Connectivity Ltd
250 TEC-250 Datasheet
299Kb / 3P
   High peak current carrying capability up to 6000A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com