Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6388XS28D5-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6388XS28D5-T
Description  SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6388XS28D5-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6388XS28D5-T Datasheet HTML 1Page - Maxim Integrated Products MAX6388XS28D5-T Datasheet HTML 2Page - Maxim Integrated Products MAX6388XS28D5-T Datasheet HTML 3Page - Maxim Integrated Products MAX6388XS28D5-T Datasheet HTML 4Page - Maxim Integrated Products MAX6388XS28D5-T Datasheet HTML 5Page - Maxim Integrated Products MAX6388XS28D5-T Datasheet HTML 6Page - Maxim Integrated Products MAX6388XS28D5-T Datasheet HTML 7Page - Maxim Integrated Products MAX6388XS28D5-T Datasheet HTML 8Page - Maxim Integrated Products MAX6388XS28D5-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SC70, Single/Dual Low-Voltage,
Low-Power µP Reset Circuits
4
______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0
2
1
5
4
3
6
7
8
9
-40
-10 5
-25
20 35 50 65 80 95 110 125
SUPPLY CURRENT vs. TEMPERATURE
(NO LOAD)
TEMPERATURE (
°C)
VCC = +5.5V
VCC = +3.6V
VCC = +1.8V
VCC = +2.5V
25
29
27
35
33
31
37
39
41
43
-40
-10 5
-25
20 35 50 65 80 95 110 125
POWER-DOWN RESET DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = +3.0V
VCC = +1.8V
0.94
0.98
0.96
1.02
1.00
1.06
1.04
1.08
-40
-10 5
20
-25
35 50 65 80 95 110 125
NORMALIZED POWER-UP RESET TIMEOUT
vs. TEMPERATURE
TEMPERATURE (
°C)
0.990
0.985
1.015
0.995
0.990
1.000
1.005
1.010
1.020
-40
-10 5
20
-25
35 50
95
80
110
65
125
TEMPERATURE (
°C)
NORMALIZED RESET THRESHOLD
vs. TEMPERATURE
0
0.4
0.2
0.8
0.6
1.0
1.2
06
39
12
OUTPUT VOLTAGE LOW
vs. SINK CURRENT
ISINK (mA)
VCC = +3.0V
VCC = +4.5V
0
1.0
0.5
2.0
1.5
2.5
3.0
0
500
750
250
1000
1250
1500
OUTPUT VOLTAGE HIGH
vs. SOURCE CURRENT
ISOURCE (
µA)
VCC = +2.5V
VCC = +1.8V
450
0
1
1000
100
10
MAXIMUM TRANSIENT DURATION
vs. RESET COMPARATOR OVERDRIVE
150
50
350
250
500
200
100
400
300
RESET COMPARATOR OVERDRIVE, VTH - VCC (mV)
RESET ASSERTED
ABOVE THIS LINE
3.5
3.9
3.7
4.5
4.3
4.1
4.7
4.9
5.3
5.1
5.5
-40
-10 5
-25
20 35 50 65 80 95 110 125
RESET IN TO RESET DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)


Similar Part No. - MAX6388XS28D5-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6388XS MAXIM-MAX6388XS Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6388XS__D_+T MAXIM-MAX6388XS__D_+T Datasheet
327Kb / 10P
   SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
More results

Similar Description - MAX6388XS28D5-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6381 MAXIM-MAX6381_07 Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6381_V5 MAXIM-MAX6381_V5 Datasheet
327Kb / 10P
   SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
   Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MAX6412 MAXIM-MAX6412_10 Datasheet
146Kb / 12P
   Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
MAX6340 MAXIM-MAX6340_V01 Datasheet
1Mb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
MAX6340 MAXIM-MAX6340 Datasheet
240Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
MAX6340 MAXIM-MAX6340_05 Datasheet
254Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 4; 12/05
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com