Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9N70 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 9N70
Description  N-CHANNEL POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9N70 Datasheet(HTML) 2 Page - Unisonic Technologies

  9N70_15 Datasheet HTML 1Page - Unisonic Technologies 9N70_15 Datasheet HTML 2Page - Unisonic Technologies 9N70_15 Datasheet HTML 3Page - Unisonic Technologies 9N70_15 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
9N70
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-617.b
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
700
V
Gate-Source Voltage
VGSS
±30
V
Drain Current
Continuous
VGS @ 10V
TC=25°C
ID
9
A
TC=100°C
5
A
Pulsed (Note 2)
IDM
40
A
Avalanche Current
IAR
9
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
305
mJ
Repetitive
EAR
9
mJ
Power Dissipation (TC=25°C)
TO-220
PD
156
W
TO-220F
44
Linear Derating Factor
1.25
W/°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse width limited by safe operating area.
3. Starting TJ=25°C, VDD=50V, L=6.8mH, RG=25Ω, IAS=9A.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambien
TO-220
θJA
62
°C/W
TO-220F
62.5
Junction to Case
TO-220
θJC
0.8
°C/W
TO-220F
2.86


Similar Part No. - 9N70_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9N70G-TA3-T UTC-9N70G-TA3-T Datasheet
147Kb / 3P
   9A, 700V N-CHANNEL POWER MOSFET
9N70L-TA3-T UTC-9N70L-TA3-T Datasheet
147Kb / 3P
   9A, 700V N-CHANNEL POWER MOSFET
More results

Similar Description - 9N70_15

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com