Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15N20 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 15N20
Description  N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

15N20 Datasheet(HTML) 2 Page - Unisonic Technologies

  15N20_15 Datasheet HTML 1Page - Unisonic Technologies 15N20_15 Datasheet HTML 2Page - Unisonic Technologies 15N20_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
15N20
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-717.D
ABSOLUTE MAXIMUM RATINGS (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
200
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
Continuous
ID
15
A
Pulsed
IDM
60
A
Single Pulsed Avalanche Current
IAS
15
A
Single Pulsed Avalanche Energy
EAS
340
mJ
Power Dissipation
TO-220
PD
145
W
TO-252
83
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220
θJA
62.5
°C/W
TO-252
110
Junction to Case
TO-220
θJC
0.86
°C/W
TO-252
1.5
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
200
V
Drain-Source Leakage Current
IDSS
VDS=200V, VGS=0V
1
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+30V, VDS=0V
+100 nA
Reverse
VGS=-30V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
3
5
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=7.5A
0.18 0.28
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
610 800
pF
Output Capacitance
COSS
145 200
pF
Reverse Transfer Capacitance
CRSS
42
60
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VGS=10V, VDD=50V, ID=1.3A
27
32
nC
Gate to Source Charge
QGS
5.6
nC
Gate to Drain Charge
QGD
10
nC
Turn-ON Delay Time
tD(ON)
VDD=30V, ID=0.5A, RG=25Ω,
VGS=10V, RL=30 Ω
39
45
ns
Rise Time
tR
63
90
ns
Turn-OFF Delay Time
tD(OFF)
210 230
ns
Fall-Time
tF
83
110
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
15
A
Maximum Body-Diode Pulsed Current
ISM
60
A
Drain-Source Diode Forward Voltage
VSD
IS=15A, VGS=0V
1.5
V


Similar Part No. - 15N20_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
15N20G-TN3-R UTC-15N20G-TN3-R Datasheet
135Kb / 3P
   15A, 200V N-CHANNEL POWER MOSFET
15N20G-TN3-T UTC-15N20G-TN3-T Datasheet
135Kb / 3P
   15A, 200V N-CHANNEL POWER MOSFET
15N20L-TN3-R UTC-15N20L-TN3-R Datasheet
135Kb / 3P
   15A, 200V N-CHANNEL POWER MOSFET
15N20L-TN3-T UTC-15N20L-TN3-T Datasheet
135Kb / 3P
   15A, 200V N-CHANNEL POWER MOSFET
More results

Similar Description - 15N20_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
20N60 UTC-20N60_15 Datasheet
207Kb / 3P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
2N7002W UTC-2N7002W_15 Datasheet
179Kb / 3P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UK1398 UTC-UK1398_15 Datasheet
230Kb / 5P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
1N50-KW UTC-1N50-KW Datasheet
231Kb / 5P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UK1398 UTC-UK1398 Datasheet
226Kb / 4P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UP9971 UTC-UP9971_15 Datasheet
244Kb / 4P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
22N60 UTC-22N60_15 Datasheet
239Kb / 6P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UTN3055 UTC-UTN3055_15 Datasheet
197Kb / 4P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
5N40 UTC-5N40_15 Datasheet
248Kb / 6P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
logo
NEC
2SK3749 NEC-2SK3749 Datasheet
103Kb / 5P
   N-CHANNEL MOSFET FOR HIGH-SPEED SWITCHING
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com