Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT100N03G-TA3-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT100N03G-TA3-T
Description  N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT100N03G-TA3-T Datasheet(HTML) 4 Page - Unisonic Technologies

  UT100N03G-TA3-T Datasheet HTML 1Page - Unisonic Technologies UT100N03G-TA3-T Datasheet HTML 2Page - Unisonic Technologies UT100N03G-TA3-T Datasheet HTML 3Page - Unisonic Technologies UT100N03G-TA3-T Datasheet HTML 4Page - Unisonic Technologies UT100N03G-TA3-T Datasheet HTML 5Page - Unisonic Technologies UT100N03G-TA3-T Datasheet HTML 6Page - Unisonic Technologies UT100N03G-TA3-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UT100N03-Q
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-625.B
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS =0 V, ID =250 µA
30
V
Drain-Source Leakage Current
IDSS
VDS=30 V,VGS =0 V
1
µA
Gate-Source Leakage Current
IGSS
VDS =0 V, VGS = ±20 V
±100
nA
ON CHARACTERISTICS
(Note2)
Gate Threshold Voltage
VGS(TH)
VDS =VGS, ID =250 µA
1
3
V
Static Drain-Source On-Resistance
RDS(ON)
VGS =10 V, ID =50 A
5.3
mΩ
VGS =4.5 V, ID =40 A
8
DYNAMIC PARAMETERS
(Note3)
Input Capacitance
CISS
VDS =15V, VGS =0V, f=1.0MHz
3800
pF
Output Capacitance
COSS
700
Reverse Transfer Capacitance
CRSS
500
SWITCHING PARAMETERS
(Note3)
Total Gate Charge
QG
VDS =15V, VGS =5V, ID =16A
400
nC
Gate Source Charge
QGS
80
Gate Drain Charge
QGD
100
Turn-ON Delay Time
tD(ON)
VDD=15V, ID =1A, RGEN =6Ω
VGS =10 V
180
ns
Turn-ON Rise Time
tR
400
Turn-OFF Delay Time
tD(OFF)
480
Turn-OFF Fall-Time
tF
400
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IS=20 A,VGS=0 V
1.5
V
Drain-Source Diode Forward Current
IS
90
A
Notes: 1. Pulse Test : Pulse Width < 300μs, Duty Cycle < 2%
2. Guaranteed by design, not subject to production testing


Similar Part No. - UT100N03G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT100N03G-TA3-T UTC-UT100N03G-TA3-T Datasheet
275Kb / 5P
   100A, 30V N-CHANNEL POWER MOSFET
UT100N03G-TA3-T UTC-UT100N03G-TA3-T Datasheet
364Kb / 8P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
More results

Similar Description - UT100N03G-TA3-T

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com