Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT9971P Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UT9971P
Description  N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT9971P Datasheet(HTML) 5 Page - Unisonic Technologies

  UT9971P_15 Datasheet HTML 1Page - Unisonic Technologies UT9971P_15 Datasheet HTML 2Page - Unisonic Technologies UT9971P_15 Datasheet HTML 3Page - Unisonic Technologies UT9971P_15 Datasheet HTML 4Page - Unisonic Technologies UT9971P_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UT9971P
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R502-764.C
TYPICAL CHARACTERISTICS (Cont.)
2
Gate-Source Voltage, VGS (V)
Transfer Characteristics
46
8
10
Notes:
1. VDS=5V
2. 250µs Pulse Test
10
1
0.1
25°С
150°С
Single pulse
0.01
Pulse Width, t1 (sec)
10-4
10-3
10-2
10-1
100
101
102
10-2
10-1
100
Transient Thermal Response Curve
103
0.2
0.1
Duty=0.5
0.05
0.02
NOTES:
1.θJa(t)=45D/W
2.Duty = t1/t2
3.TJ-TC =PDJC(t)
PD
t1
t2
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UT9971P_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT9971PG-AA3-R UTC-UT9971PG-AA3-R Datasheet
213Kb / 4P
   5.0A, 60V N-CHANNEL POWER MOSFET
UT9971PL-AA3-R UTC-UT9971PL-AA3-R Datasheet
213Kb / 4P
   5.0A, 60V N-CHANNEL POWER MOSFET
logo
SHENZHEN DOINGTER SEMIC...
UT9971PL-S08-R DOINGTER-UT9971PL-S08-R Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - UT9971P_15

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com