Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTT10N10 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTT10N10
Description  N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT10N10 Datasheet(HTML) 3 Page - Unisonic Technologies

  UTT10N10_15 Datasheet HTML 1Page - Unisonic Technologies UTT10N10_15 Datasheet HTML 2Page - Unisonic Technologies UTT10N10_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UTT10N10
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R502-714.d
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UTT10N10_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT10N10G-TN3-R UTC-UTT10N10G-TN3-R Datasheet
136Kb / 3P
   10A, 100V N-CHANNEL MOSFET
UTT10N10G-TN3-T UTC-UTT10N10G-TN3-T Datasheet
136Kb / 3P
   10A, 100V N-CHANNEL MOSFET
UTT10N10L-TN3-R UTC-UTT10N10L-TN3-R Datasheet
136Kb / 3P
   10A, 100V N-CHANNEL MOSFET
UTT10N10L-TN3-T UTC-UTT10N10L-TN3-T Datasheet
136Kb / 3P
   10A, 100V N-CHANNEL MOSFET
More results

Similar Description - UTT10N10_15

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N4860 NJSEMI-2N4860 Datasheet
161Kb / 2P
   N-CHANNEL JUNCTION FIELD-EFFECT TRANSISTOR
logo
Micro Electronics
2N3823 MICRO-ELECTRONICS-2N3823 Datasheet
237Kb / 2P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
logo
KEC(Korea Electronics)
KTX598TF KEC-KTX598TF Datasheet
37Kb / 2P
   N CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
logo
Unisonic Technologies
TF215 UTC-TF215_15 Datasheet
160Kb / 3P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
9N90-Q UTC-9N90-Q Datasheet
246Kb / 6P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UT2302 UTC-UT2302_15 Datasheet
294Kb / 5P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UT2308 UTC-UT2308_15 Datasheet
158Kb / 3P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UTD351 UTC-UTD351_15 Datasheet
334Kb / 5P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UF520 UTC-UF520_15 Datasheet
197Kb / 6P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UT4404 UTC-UT4404_15 Datasheet
251Kb / 4P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com