Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTT25P06G-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTT25P06G-TN3-R
Description  P-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT25P06G-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTT25P06G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT25P06G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT25P06G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT25P06G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTT25P06G-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTT25P06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-595.E
ABSOLUTE MAXIMUM RATINGS (TJ=25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-60
V
Gate-Source Voltage
Continuous
VGSS
±15
V
Non−Repetitive (tP≤10ms)
VGSM
±20
V
Drain Current
Continuous @ TA=25°C
ID
-27.5
A
Pulsed (tP≤10µs)
IDM
-80
A
Power Dissipation
@TA=25°C
TO-220/TO-220F
PD
2
W
TO-251/TO-252
1.25
W
Junction Temperature
TJ
+175
°C
Storage Temperature
TSTG
-55~+175
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. When surface mounted to an FR4 board using 1" pad size (Cu Area 1.127 in
2).
3. When surface mounted to an FR4 board using the minimum recommended pad size (Cu Area 0.412 in
2).
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-220F
θJA
62.5
°C/W
TO-251/TO-252
100
°C/W
Junction to Case
TO-220
θJC
1.2
°C/W
TO-220F
4.5
°C/W
TO-251/TO-252
2.5
°C/W


Similar Part No. - UTT25P06G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT25P06G-TN3-R UTC-UTT25P06G-TN3-R Datasheet
150Kb / 3P
   -60 V, -27.5 A P-CHANNEL POWER MOSFET
More results

Similar Description - UTT25P06G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
   p-Channel Power MOSFET
1.9, 2011-03-02
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
logo
Unisonic Technologies
UT9435 UTC-UT9435_15 Datasheet
243Kb / 4P
   P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com