Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEC-2281-311A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LEC-2281-311A
Description  4th Gen Intel짰 Core??i7/i5/i3 Platform with Rich I/O and Expansion
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEC-2281-311A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LEC-2281-311A Datasheet HTML 1Page - List of Unclassifed Manufacturers LEC-2281-311A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Lanner Electronics Inc. All rights reserved.
All product specifications are subject to change without notice.
connect@lannerinc.com | www.lannerinc.com
LEC-2281-711A
Fanless Industrial PC with Intel® Core™ i7-4700EQ CPU
LEC-2281-511A
Fanless Industrial PC with Intel® Core™ i5-4400E CPU
LEC-2281-311A
Fanless Industrial PC with Intel® Core™ i3-4102E CPU
Dimensions (W x H x D) 277 x 78 x 195 mm (10.9” x 3.07” x 7.68”)
Ordering Information
Product I/O View
080W1N0002001
SATA SSD/HDD Cable with Power
098W000004000
Metal Brkt Black Wallmount-4
0P0W075190001
75W 19V/3.95A Power Adapter
Standard Accessories
A
B
C
Power On/Off
Status LEDs
USB 3.0
D
E
F
USB 2.0
Reset
DC-IN
G
H
I
PCI or PCI-E
USB 2.0
LAN
V.1-2015.09.21
A B C
D
E
J
DVI-D
L
K HDMI
VGA
M COM
N
Line_out
277
F
G
H
I
J
K
L
M
N O
Mic_in
O


Similar Part No. - LEC-2281-311A

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
LEC-2281-711A LANNER-LEC-2281-711A Datasheet
1Mb / 1P
   4th Gen Intel짰 Core??i7/i5/i3 Platform with Rich I/O and Expansion
More results

Similar Description - LEC-2281-311A

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
LEC-2281 LANNER-LEC-2281 Datasheet
1Mb / 1P
   4th Gen Intel짰 Core??i7/i5/i3 Platform with Rich I/O and Expansion
LEC-2284 LANNER-LEC-2284 Datasheet
2Mb / 1P
   4th Gen Intel짰 Core??i7/i5/i3 Platform with Rich I/O and Expansion
logo
Advantech Co., Ltd.
SYS-8W6608-4F01 ADVANTECH-SYS-8W6608-4F01_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 Wallmount PICMG1.0 System with 7 Expansion Slots
SYS-4U4000-4A04 ADVANTECH-SYS-4U4000-4A04_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 4U ATX System with 7 Expansion Slots
SYS-4U4000-4F03 ADVANTECH-SYS-4U4000-4F03_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 4U PICMG1.0 System with 13 Expansion Slots
SYS-4U4000-4A05 ADVANTECH-SYS-4U4000-4A05_14 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Core??i7/i5/i3 4U 4A053rd Gen Intel짰 Core??i7/i5/i3 4U
SYS-7W7130-4A01 ADVANTECH-SYS-7W7130-4A01_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 Wallmount/Desktop ATX System with 7 Expansion Slots
logo
Axiomtek Co., Ltd.
CAPA880 AXIOMTEK-CAPA880 Datasheet
285Kb / 1P
   LGA1150 socket 4th gen Intel짰 Core??i7/i5/i3 & Celeron짰 processor
logo
Advantech Co., Ltd.
SYS-4U4340-4A01 ADVANTECH-SYS-4U4340-4A01_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 4U ATX System with 7 Expansion Slots, Front USB3.0
SYS-4U4340-4F01 ADVANTECH-SYS-4U4340-4F01_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 4U PICMG1.3 System with 11 Expansion Slots, Front USB3.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com