Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEC-7001B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LEC-7001B
Description  Fanless Digital Signage IPC with freescaleTM i.MX 6 series processor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEC-7001B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LEC-7001B Datasheet HTML 1Page - List of Unclassifed Manufacturers LEC-7001B Datasheet HTML 2Page - List of Unclassifed Manufacturers LEC-7001B Datasheet HTML 3Page - List of Unclassifed Manufacturers LEC-7001B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Processor Options
freescaleTM i.MX 6 series processor
Chipset
N/A
BIOS
N/A
System
Memory
Technology
DDR3 1066 MHz
Capacity
LEC-7001A/B: Onboard 1 GB, LEC-7001C: Onboard 512 MB
USB
1 x Type A USB 2.0 connector (Host/OTG), 1 x Type A USB 2.0 con-
nector (USB Host)
Digital I/O
N/A
Expansion Bus
N/A
OS Support
Android 4.2, Ubuntu from Freescale, basic Linux from Lanner/
Freescale (Subject to change)
Storage
HDD/SSD Support
N/A
Expansion
1 x SD card socket
Networking
LAN
1 x 10/100/1000Mbps, Autosensing,RJ-45
Controller
Atheros 8031
Display
Graphics Controller
Built in Vivante GC
Display Interface
1 x HDMI (1920x1080P)
LED Indicator
1 x Green-color for Power-on status
Physical
Characteristics
Housing
SGCC
Weight
0.5 kg
Dimensions (WxHxD)
140 x 26 x 110 mm
Mounting Options
TBD
Environment
Operation Temperature
-20~55°C (Subject to change)
Storage Temperature
-20~55°C
Ambient Relative Humidity
(non-condensing)
5 to 95% (non-condensing)
Power
Input Voltage
+5 /12 VDC
Power Consumption
TBD
Connector
DC jack with lock
AC Adapter
+12V/3A, +5V/5A
Standard and
Regulation
EMC
CE/FCC
Green product
RoHS
Reliability
Alter tool
Built-in RTC (real-time clock) with battery lithium backup
Automatic Reboot Trigger
Watchdog Timer 1~255 level time interval system reset, software
programmable
MTBF
TBD
Preliminary Specifications


Similar Part No. - LEC-7001B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-7000 ETC2-LEC-7000 Datasheet
276Kb / 2P
   Industrial Appliance with Intel짰 Atom??N270
More results

Similar Description - LEC-7001B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-7230L ETC2-LEC-7230L Datasheet
501Kb / 2P
   Compact Fanless Digital Signage IPC with Intel짰 Bay Trail CPU
logo
Lanner All Rights Reser...
LEC-7230L LANNER-LEC-7230L Datasheet
1Mb / 2P
   Compact Fanless Digital Signage IPC with Intel짰 Bay Trail CPU
logo
Axiomtek Co., Ltd.
DSB320-842 AXIOMTEK-DSB320-842_17 Datasheet
264Kb / 1P
   Fanless Digital Signage Player with Intel Celeron Processor J1900
logo
List of Unclassifed Man...
LEC-7110 ETC2-LEC-7110 Datasheet
217Kb / 2P
   Digital Signage IPC with Intel짰 Atom??D2550
LEC-7100 ETC2-LEC-7100 Datasheet
363Kb / 2P
   Digital Signage IPC with Intel짰 Atom??D510
logo
Advantech Co., Ltd.
ARK-DS306 ADVANTECH-ARK-DS306 Datasheet
961Kb / 2P
   AMD G-Series Fanless Digital Signage Player
logo
Axiomtek Co., Ltd.
RBOX630 AXIOMTEK-RBOX630_17 Datasheet
350Kb / 2P
   Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6 Processor
logo
AAEON Technology
AEC-6860 AAEON-AEC-6860 Datasheet
308Kb / 2P
   Mini Fanless Digital Signage Engine, Intel Core 2 Duo Processor
logo
Advantech Co., Ltd.
ARK-DS306 ADVANTECH-ARK-DS306_14 Datasheet
911Kb / 2P
   AMD G-Series Fanless Digital Signage Player
DS-081 ADVANTECH-DS-081 Datasheet
526Kb / 2P
   Ultra-slim Fanless Digital Signage Player
13-Sep-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com