Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0877830301 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0877830301
Description  0.60mm Pitch miniDIMM DDR3 Socket, Surface Mount, 22.5 Angle, 0.76m Gold
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0877830301 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0877830301 Datasheet HTML 1Page - Molex Electronics Ltd. 0877830301 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Material Info
Reference - Drawing Numbers
Application Specification
AS-87782-001
Electrical Model Document
EE-87783-001
Product Specification
PS-87783-001
S-Parameter Model
SP-87783-001
Sales Drawing
SD-87783-001
This document was generated on 10/30/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0877830301

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877830301 MOLEX10-0877830301 Datasheet
483Kb / 7P
   0.60mm (.024) Pitch miniDIMM DDR3 Socket, Surface Mount, 22.5째 Angle, 0.76關m (30關) Gold (Au) Plating, Off-White Latches, with Pick-and-Place Cap, 244 Circuits
More results

Similar Description - 0877830301

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877830001 MOLEX11-0877830001 Datasheet
31Kb / 2P
   0.60mm Pitch miniDIMM DDR2 Socket, Surface Mount, 22.5 Angle, 0.76m Gold
0877830202 MOLEX11-0877830202 Datasheet
42Kb / 2P
   0.60mm Pitch miniDIMM DDR Socket, Surface Mount, 22.5 Angle, 0.76m Gold
0877823005 MOLEX11-0877823005 Datasheet
33Kb / 2P
   0.60mm Pitch miniDIMM DDR3 Socket, Vertical, Surface Mount, 0.76m Gold
0877823007 MOLEX11-0877823007 Datasheet
33Kb / 2P
   0.60mm Pitch miniDIMM DDR3 Socket, Vertical, Surface Mount, 0.76m Gold
0877823009 MOLEX11-0877823009 Datasheet
33Kb / 2P
   0.60mm Pitch miniDIMM DDR3 Socket, Vertical, Surface Mount, 0.76m Gold
0780350301 MOLEX11-0780350301 Datasheet
34Kb / 2P
   0.60mm Pitch miniDIMM DDR3 Socket, Surface Mount, 22.5 Reverse Angle
0780350001 MOLEX11-0780350001 Datasheet
33Kb / 2P
   0.60mm Pitch miniDIMM DDR2 Socket, Surface Mount, 22.5 Reverse Angle, 0.76m
0877822005 MOLEX11-0877822005 Datasheet
33Kb / 2P
   0.60mm Pitch miniDIMM DDR2 Socket, Vertical, Surface Mount, 0.76m Gold
0877822009 MOLEX11-0877822009 Datasheet
33Kb / 2P
   0.60mm Pitch miniDIMM DDR2 Socket, Vertical, Surface Mount, 0.76m Gold
0877830201 MOLEX11-0877830201 Datasheet
31Kb / 2P
   0.60mm Pitch miniDIMM DDR2 Socket, Surface Mount, 22.5 Angle,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com