Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEDL9098B-01 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # FEDL9098B-01
Description  Clock IC with Static and 1/2-Duty LCD Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FEDL9098B-01 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FEDL9098B-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers FEDL9098B-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers FEDL9098B-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers FEDL9098B-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers FEDL9098B-01 Datasheet HTML 10Page - List of Unclassifed Manufacturers FEDL9098B-01 Datasheet HTML 11Page - List of Unclassifed Manufacturers FEDL9098B-01 Datasheet HTML 12Page - List of Unclassifed Manufacturers FEDL9098B-01 Datasheet HTML 13Page - List of Unclassifed Manufacturers FEDL9098B-01 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
FEDL9098B-01
ML9098B
10/15
Display Mode
4-digit hour and minute display in 24/12 -hour system
Hour display
1 to 12 or 0 to 23
Minute display
00 to 59
Time is not displayed when the most significant digit is 0 (Most Significant Digit Zero Suppressing function)
24-hour display
12-hour display
1:00
AM 1:00
2:00
AM 2:00
3:00
AM 3:00
4:00
AM 4:00
5:00
AM 5:00
6:00
AM 6:00
7:00
AM 7:00
8:00
AM 8:00
9:00
AM 9:00
10:00
AM 10:00
11:00
AM 11:00
12:00
PM 12:00
13:00
PM 1:00
14:00
PM 2:00
15:00
PM 3:00
16:00
PM 4:00
17:00
PM 5:00
18:00
PM 6:00
19:00
PM 7:00
20:00
PM 8:00
21:00
PM 9:00
22:00
PM 10:00
23:00
PM 11:00
0:00
AM 12:00
Time Adjustment
Hour/minute fast-forward function
The hour and minute digits can be fast forwarded separately. The H (Hour setting)/M (Minute setting) pins fast
forward the hour/minute digits. One push counts one hour/minute. When the hour/minute switch is continuously
pressed, the hour/minute digit is incremented at 2Hz.
The H and M pins are high (inactive state) by the pull-up resistors when the pins are open.
These pins are active when driven at a “L” level externally.
The hour and minute digits can be adjusted at the same time.
The lower counters continue to operate regularly while the hour digit is adjusted, but a carry from the minute to
hour digit is not performed.
A carry to the hour digit is not performed while the minute digit is adjusted.


Similar Part No. - FEDL9098B-01

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDL9098B-01 LAPIS-FEDL9098B-01 Datasheet
167Kb / 15P
   Clock IC with Static and 1/2-Duty LCD Drivers
More results

Similar Description - FEDL9098B-01

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML9098B LAPIS-ML9098B Datasheet
167Kb / 15P
   Clock IC with Static and 1/2-Duty LCD Drivers
logo
List of Unclassifed Man...
ML9098B ETC2-ML9098B Datasheet
389Kb / 15P
   Clock IC with Static and 1/2-Duty LCD Drivers
ML9098B ETC2-ML9098B Datasheet
389Kb / 15P
   Clock IC with Static and 1/2-Duty LCD Drivers
logo
OKI electronic componet...
ML9060 OKI-ML9060 Datasheet
156Kb / 18P
   1/2 DUTY, 160-OUTPUT STATIC LCD DRIVER
logo
LAPIS Semiconductor Co....
ML9484 LAPIS-ML9484 Datasheet
304Kb / 29P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
ML9488 LAPIS-ML9488 Datasheet
320Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
logo
List of Unclassifed Man...
ML9488 ETC2-ML9488 Datasheet
403Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
logo
LAPIS Semiconductor Co....
ML9478C LAPIS-ML9478C Datasheet
323Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
logo
List of Unclassifed Man...
ML9479E ETC2-ML9479E Datasheet
403Kb / 32P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
ML9489 ETC2-ML9489 Datasheet
401Kb / 32P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com