Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE8729 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE8729
Description  5 Section Tunable Band Pass Filter With N Female Connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8729 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE8729 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8729 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8729 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Connector 2
Type
N Female
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
5 Section Tunable Band Pass Filter With N Female Connectors Operating From 250 MHz to 500 MHz With a 5% Bandwidth
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 5 Section Tunable Band Pass Filter With N Female Connectors Operating From 250 MHz to 500
MHz With a 5% Bandwidth PE8729
URL: http://www.pasternack.com/5-section-tunable-band-pass-filter-250-500-mhz-pe8729-p.aspx
PE8729
PE8729 REV 1.0
5 Section Tunable Band Pass Filter With N Female Connectors
Operating From 250 MHz to 500 MHz With a 5% Bandwidth


Similar Part No. - PE8729

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8720 PASTERNACK-PE8720 Datasheet
251Kb / 2P
   5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 1000 MHz With a 1000 MHz Passband
PE8721 PASTERNACK-PE8721 Datasheet
251Kb / 2P
   5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 2 GHz With a 2 GHz Passband
PE8722 PASTERNACK-PE8722 Datasheet
250Kb / 2P
   5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 225 MHz With a 225 MHz Passband
PE8723 PASTERNACK-PE8723 Datasheet
251Kb / 2P
    5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 30 MHz With a 30 MHz Passband
PE8724 PASTERNACK-PE8724 Datasheet
251Kb / 2P
   5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 300 MHz With a 300 MHz Passband
More results

Similar Description - PE8729

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8731 PASTERNACK-PE8731 Datasheet
256Kb / 3P
   5 Section Tunable Band Pass Filter With N Female Connectors
PE8732 PASTERNACK-PE8732 Datasheet
257Kb / 3P
   5 Section Tunable Band Pass Filter With N Female Connectors
PE8733 PASTERNACK-PE8733 Datasheet
381Kb / 3P
   5 Section Tunable Band Pass Filter With N Female Connectors
PE8730 PASTERNACK-PE8730 Datasheet
257Kb / 3P
   5 Section Tunable Band Pass Filter With N Female Connectors
PE8728 PASTERNACK-PE8728 Datasheet
256Kb / 3P
   5 Section Tunable Band Pass Filter With N Female Connectors
PE8736 PASTERNACK-PE8736 Datasheet
257Kb / 3P
   3 Section Tunable Band Reject Filter With N Female Connectors
PE8737 PASTERNACK-PE8737 Datasheet
257Kb / 3P
   3 Section Tunable Band Reject Filter With N Female Connectors
PE8735 PASTERNACK-PE8735 Datasheet
257Kb / 3P
   3 Section Tunable Band Reject Filter With N Female Connectors
PE8738 PASTERNACK-PE8738 Datasheet
258Kb / 3P
   3 Section Tunable Band Reject Filter With N Female Connectors
PE8734 PASTERNACK-PE8734 Datasheet
257Kb / 3P
   3 Section Tunable Band Reject Filter With N Female Connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com