Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML620Q153A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ML620Q153A
Description  16-bit micro controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML620Q153A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ML620Q153A Datasheet HTML 1Page - List of Unclassifed Manufacturers ML620Q153A Datasheet HTML 2Page - List of Unclassifed Manufacturers ML620Q153A Datasheet HTML 3Page - List of Unclassifed Manufacturers ML620Q153A Datasheet HTML 4Page - List of Unclassifed Manufacturers ML620Q153A Datasheet HTML 5Page - List of Unclassifed Manufacturers ML620Q153A Datasheet HTML 6Page - List of Unclassifed Manufacturers ML620Q153A Datasheet HTML 7Page - List of Unclassifed Manufacturers ML620Q153A Datasheet HTML 8Page - List of Unclassifed Manufacturers ML620Q153A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
FEDL620Q150A-01
Issue Date: May 7, 2015
ML620Q151A/2A/3A/4A/5A/6A/7A/8A/9A
16-bit micro controller
1/36
GENERAL DESCRIPTION
This LSI is a high-performance 16-bit CMOS microcontroller into which rich peripheral circuits, such as 10-bit A/D converter,
timer, PWM, synchronous serial port, UART, I2C bus interface (master), Low level detect circuit, are incorporated around 16-bit
CPU nX-U16/100.
The CPU nX-U16/100 is capable of efficient instruction execution in 1-instruction 1-clock mode by 3-stage pipe line architecture
parallel procesing. and, this LSI has a data flash-memory fill area by a software which can be written in. In addition, it has an
on-chip debugging function, which allows software debugging/rewriting with the LSI mounted on the board.
FEATURES
• CPU
− 16-bit RISC CPU (CPU name: nX-U16/100)
− Instruction system:16-bit instructions
− Instruction set:Transfer, arithmetic operations, comparison, logic operations, multiplication/division, bit manipulations,
bit logic operations, jump, conditional jump, call return stack manipulations, arithmetic shift, and so on
− On-Chip debug function
− Minimum instruction execution time
Approx 30.5
µs (at 32.768kHz system clock)
Approx 0.122
µs (at 8.192MHz system clock)
• Internal memory
− Flash-memory
Product
Program area
Rewrite
cycle
ML620Q151A/ML620Q154A/ML620Q157A
32-Kbyte* (16K
× 16-bit)
ML620Q152A/ML620Q155A/ML620Q158A
48-Kbyte* (24K
× 16-bit)
ML620Q153A/ML620Q156A/ML620Q159A
64-Kbyte* (32K
× 16-bit)
100
* including unusable 1KByte TEST area
Internal 2-Kbyte Data Flash (1-Kbyte
× 2) Rewrite cycle: 10,000 times
− SRAM: Internal 2-Kbyte RAM (2-Kbyte × 8 -bits)
• Interrupt controller
− 2 non-maskable interrupt sources (Internal source: BACK-UP CLOCK, WDT)
− maskable interrupt
Product
Interrupt source
ML620Q151A/ML620Q154A/ML620Q157A
27 (Internal source: 20, External source: 7)
ML620Q152A/ML620Q155A/ML620Q158A
28 (Internal source: 20, External source: 8)
ML620Q153A/ML620Q156A/ML620Q159A
28 (Internal source: 20, External source: 8)
− 4 steps of interrupt level, and a mask function


Similar Part No. - ML620Q153A

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML620Q153A LAPIS-ML620Q153A Datasheet
759Kb / 36P
   16-bit micro controller
logo
Rohm
ML620Q153A ROHM-ML620Q153A Datasheet
759Kb / 36P
   16-bit micro controller
More results

Similar Description - ML620Q153A

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML620Q151A LAPIS-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
Rohm
FEDL62Q2700 ROHM-FEDL62Q2700 Datasheet
3Mb / 55P
   16-bit micro controller
Feb 17, 2023
logo
LAPIS Semiconductor Co....
ML620Q151B LAPIS-ML620Q151B Datasheet
825Kb / 36P
   16-bit micro controller
ML620Q131 LAPIS-ML620Q131 Datasheet
482Kb / 33P
   16-bit micro controller
logo
Rohm
FEDL62Q2500 ROHM-FEDL62Q2500 Datasheet
1Mb / 40P
   16-bit micro controller
logo
LAPIS Semiconductor Co....
ML620Q131B LAPIS-ML620Q131B Datasheet
803Kb / 34P
   16-bit micro controller
logo
Rohm
ML620Q151A ROHM-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com