Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM10917 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # UM10917
Description  NXQ1TXA5DB1340 one-chip 5 V Qi wireless transmitter demo board
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UM10917 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button UM10917 Datasheet HTML 7Page - NXP Semiconductors UM10917 Datasheet HTML 8Page - NXP Semiconductors UM10917 Datasheet HTML 9Page - NXP Semiconductors UM10917 Datasheet HTML 10Page - NXP Semiconductors UM10917 Datasheet HTML 11Page - NXP Semiconductors UM10917 Datasheet HTML 12Page - NXP Semiconductors UM10917 Datasheet HTML 13Page - NXP Semiconductors UM10917 Datasheet HTML 14Page - NXP Semiconductors UM10917 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
UM10917
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
User manual
Rev. 1 — 3 August 2015
11 of 32
NXP Semiconductors
UM10917
NXQ1TXA5DB1340 one-chip 5 V Qi wireless transmitter demo board
limited, the NXQ1TXA5 enters Smart Power Limiting mode. To avoid that the supply
voltage drops below 4.2 V, SPL reduces the output power. The green LED H2 then blinks
with 1 s intervals.
When a fault is detected, the red LED H2 blinks once every 1 s.


Similar Part No. - UM10917

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM1001 ETC2-UM1001 Datasheet
286Kb / 2P
   3 Watt DC-DC Converters
logo
Microchip Technology
UM10016 MICROCHIP-UM10016 Datasheet
2Mb / 221P
   Product Change Notification
03-Jul-2020
logo
Union Semiconductor, In...
UM1002 UNIONSEMI-UM1002 Datasheet
257Kb / 6P
   Dual Channel ESD Protection Device
logo
List of Unclassifed Man...
UM1002 ETC2-UM1002 Datasheet
286Kb / 2P
   3 Watt DC-DC Converters
logo
Microchip Technology
UM10024 MICROCHIP-UM10024 Datasheet
2Mb / 221P
   Product Change Notification
03-Jul-2020
More results

Similar Description - UM10917

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NXQ1TXA5_SDS PHILIPS-NXQ1TXA5_SDS Datasheet
143Kb / 15P
   One-chip 5 V Qi wireless transmitter
Rev.1.2-10 September 2015
NXQ1TXA5 NXP-NXQ1TXA5 Datasheet
143Kb / 15P
   One-chip 5 V Qi wireless transmitter
Rev.1.2-10 September 2015
NXQ1TXH5 NXP-NXQ1TXH5 Datasheet
172Kb / 17P
   One-chip 5 V Qi wireless transmitter
Rev. 1.1-4 March 2016
AN11695 PHILIPS-AN11695_15 Datasheet
419Kb / 29P
   NXQ1TXA5 one-chip 5 V Qi wireless transmitter
Rev. 1-3 August 2015
NXQ1TXL5 NXP-NXQ1TXL5 Datasheet
166Kb / 17P
   Low-cost one-chip 5 V Qi compliant transmitter
Rev. 1-8 April 2016
logo
Texas Instruments
BQ500211 TI1-BQ500211 Datasheet
778Kb / 26P
[Old version datasheet]   5-V, Qi Compliant Wireless Power Transmitter Manager
logo
Integrated Device Techn...
P9038 IDT-P9038 Datasheet
378Kb / 18P
   8W, Qi-compliant, Wireless Power Transmitter
logo
Texas Instruments
BQ500414Q TI1-BQ500414Q Datasheet
1Mb / 34P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
logo
Generalplus Technology ...
GPMQ8018A GENERALPLUS-GPMQ8018A Datasheet
1Mb / 32P
   QI Compliant Wireless Power Transmitter Series
logo
Texas Instruments
BQ500110 TI-BQ500110_11 Datasheet
642Kb / 25P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com