Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM10891 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # UM10891
Description  GreenChip TEA1995DB1294 synchronous rectifier controller demo board
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UM10891 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button UM10891 Datasheet HTML 7Page - NXP Semiconductors UM10891 Datasheet HTML 8Page - NXP Semiconductors UM10891 Datasheet HTML 9Page - NXP Semiconductors UM10891 Datasheet HTML 10Page - NXP Semiconductors UM10891 Datasheet HTML 11Page - NXP Semiconductors UM10891 Datasheet HTML 12Page - NXP Semiconductors UM10891 Datasheet HTML 13Page - NXP Semiconductors UM10891 Datasheet HTML 14Page - NXP Semiconductors UM10891 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
UM10891
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
User manual
Rev. 1 — 16 July 2015
11 of 16
NXP Semiconductors
UM10891
TEA1995DB1294 synchronous rectifier controller demo board
9.
TEA1995DB1294 board layout
Some important guidelines for a good layout:
Keep the trace from the DSA/B pin to the MOSFET drain pin as short as possible.
Keep the trace from the SSA/B pin to MOSFET source pin as short as possible.
Keep the area of the loop from the DSA/B pin to MOSFET drain to MOSFET source to
the SSA/B pin as small as possible. Make sure that this loop overlaps the power drain
track or power source track as minimal as possible and the 2 loops do not cross each
other.
Keep tracks from GD pins to gate of MOSFETs as short as possible.
Decouple pins VCC and GND as close to the IC as possible with a small (100 nF)
capacitor.
Use separate clean tracks for the VCC pin and GND. If possible, use a small ground
plane underneath the IC, which is good for heat dispersion.
Keep the ground and source sense tracks separated. Use separate tracks for each
source sense connection and connect the IC ground to the ground plane on the PCB.
a. Front
b. Back
Fig 9.
TEA1995DB1294 demo board - Board layout


Similar Part No. - UM10891

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM10892 PHILIPS-UM10892 Datasheet
254Kb / 16P
   GreenChip TEA1995DB1295 synchronous rectifier controller demo board
Rev. 1-8 July 2015
UM10899 PHILIPS-UM10899 Datasheet
552Kb / 27P
   TEA1833DB1361 45 W demo board
Rev. 1-26 August 2015
More results

Similar Description - UM10891

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM10892 PHILIPS-UM10892 Datasheet
254Kb / 16P
   GreenChip TEA1995DB1295 synchronous rectifier controller demo board
Rev. 1-8 July 2015
TEA1792ATS NXP-TEA1792ATS Datasheet
324Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1761T NXP-TEA1761T Datasheet
83Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1998TS NXP-TEA1998TS Datasheet
230Kb / 18P
   GreenChip synchronous rectifier controller
Rev. 1-16 February 2017
TEA2093TS NXP-TEA2093TS Datasheet
273Kb / 19P
   GreenChip synchronous rectifier controller
Rev. 1 ??7 June 2022
TEA1892ATS PHILIPS-TEA1892ATS Datasheet
138Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 April 2014
TEA1762T PHILIPS-TEA1762T Datasheet
81Kb / 15P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1792AT NXP-TEA1792AT Datasheet
330Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1999TK NXP-TEA1999TK Datasheet
255Kb / 21P
   GreenChip synchronous rectifier controller
Rev. 2-3 November 2017
TEA1795T PHILIPS-TEA1795T Datasheet
142Kb / 14P
   GreenChip synchronous rectifier controller
Rev. 1-4 November 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com