Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM10879 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # UM10879
Description  SSL8516BDB1317 75 W 48 V/1.6 A CVCC LED driver
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UM10879 Datasheet(HTML) 3 Page - NXP Semiconductors

  UM10879 Datasheet HTML 1Page - NXP Semiconductors UM10879 Datasheet HTML 2Page - NXP Semiconductors UM10879 Datasheet HTML 3Page - NXP Semiconductors UM10879 Datasheet HTML 4Page - NXP Semiconductors UM10879 Datasheet HTML 5Page - NXP Semiconductors UM10879 Datasheet HTML 6Page - NXP Semiconductors UM10879 Datasheet HTML 7Page - NXP Semiconductors UM10879 Datasheet HTML 8Page - NXP Semiconductors UM10879 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
UM10879
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
User manual
Rev. 1 — 26 May 2015
3 of 43
NXP Semiconductors
UM10879
SSL8516BDB1317 75 W 48 V/1.6 A CVCC LED driver
1.
Introduction
The SSL8516BDB1317 demo board is a constant voltage and constant current CVCC
LED driver example using a PFC and a flyback stage. This manual describes the
specification and use of the SSL8516BDB1317 board.
1.1 Features and benefits
Efficient and low-cost PFC and Quasi-Resonant (QR) flyback topology
Large input voltage range
Short start-up time
Low mains current harmonics
Low no-load input power
Flyback stage with large output voltage range
Single layer Printed-Circuit Board (PCB) 146  61 mm
WARNING
Lethal voltage and fire ignition hazard
The non-insulated high voltages that are present when operating this product, constitute a
risk of electric shock, personal injury, death and/or ignition of fire.
This product is intended for evaluation purposes only. It shall be operated in a designated test
area by personnel qualified according to local requirements and labor laws to work with
non-insulated mains voltages and high-voltage circuits. This product shall never be operated
unattended.
Fig 1.
SSL8516BDB1317 demo board block diagram


Similar Part No. - UM10879

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM10878 PHILIPS-UM10878 Datasheet
972Kb / 25P
   PN7120 NFC Controller SBC Kit User Manual
Rev. 1.0-19 May 2015
More results

Similar Description - UM10879

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
logo
Qorvo, Inc
QPD0050 QORVO-QPD0050 Datasheet
916Kb / 12P
   75 W, 48 V, DC to 3.6 GHz, GaN RF Power Transistor
February 2020
logo
LDT Co., Ltd
LD1048 LDT-LD1048 Datasheet
200Kb / 27P
   48 Channel Output LED DRIVER
logo
Gamewell-FCI by Honeywe...
1100-0503 GAMEWELL-FCI-1100-0503 Datasheet
60Kb / 1P
   ANU-48 LED Driver Module
logo
Texas Instruments
TPS92520-Q1 TI1-TPS92520-Q1_V02 Datasheet
3Mb / 77P
[Old version datasheet]   TPS92520-Q1 4.5-V to 65-V Dual 1.6-A Synchronous Buck LED Driver with SPI Control
logo
Nihon Inter Electronics...
PDMB75A6 NIEC-PDMB75A6_1 Datasheet
142Kb / 4P
   75 A 600 V
logo
Texas Instruments
TPS92520-Q1 TI1-TPS92520-Q1 Datasheet
137Kb / 5P
[Old version datasheet]   TPS92520-Q1 4.5-V to 65-V Input Dual 1.6-A Synchronous Buck LED Driver with SPI Control
TPS92520-Q1 TI1-TPS92520-Q1_V01 Datasheet
834Kb / 56P
[Old version datasheet]   TPS92520-Q1 4.5-V to 65-V Input Dual 1.6-A Synchronous Buck LED Driver with SPI Control
logo
M/A-COM Technology Solu...
NPT2020 MA-COM-NPT2020_15 Datasheet
1Mb / 13P
   GaN Wideband Transistor 48 V, 50 W
NPT2022 MA-COM-NPT2022_14 Datasheet
1Mb / 11P
   GaN Wideband Transistor 48 V, 100 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com