Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM10570 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # UM10570
Description  SSL4101DB02 4-channel high-efficiency universal mains constant current LED driver demo board
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UM10570 Datasheet(HTML) 3 Page - NXP Semiconductors

  UM10570 Datasheet HTML 1Page - NXP Semiconductors UM10570 Datasheet HTML 2Page - NXP Semiconductors UM10570 Datasheet HTML 3Page - NXP Semiconductors UM10570 Datasheet HTML 4Page - NXP Semiconductors UM10570 Datasheet HTML 5Page - NXP Semiconductors UM10570 Datasheet HTML 6Page - NXP Semiconductors UM10570 Datasheet HTML 7Page - NXP Semiconductors UM10570 Datasheet HTML 8Page - NXP Semiconductors UM10570 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
UM10570
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
User manual
Rev. 1 — 5 June 2012
3 of 11
NXP Semiconductors
UM10570
4-channel universal mains CC LED driver demo board
1.
Introduction
The SSL4101DB02 4-channel demo board demonstrates the LED driving capabilities of
the SSL4101 and UBA3070 devices.
Each channel is individually dimmable using Pulse Width Modulation (PWM) or an analog
signal. The circuit implements a universal mains low THD PFC, a highly efficient flyback
controller and four Boundary Conduction Mode (BCM) buck converters. The BCM buck
converter is a true switch-mode current source. The overall efficiency for the unit from AC
input to 4-channel DC output is 92 %. The complete solution meets all safety and EMI
regulations.
Key features include:
Up to 92 % efficiency
Low THDI and high PF
User configured output current requiring no custom-made magnetic components
Intrinsically protected against short-circuit, open-load and overtemperature conditions
BCM buck converters operate as true switch-mode current sources
Low-cost LED driver solution
Small form factor
PWM or analog dimming
Independent or combined control of channels
No LED binning required
Applications:
Typical target applications for the 4-channel demo board include:
Street lighting
High and low bay lighting
Refrigeration lighting
WARNING
Lethal voltage and fire ignition hazard
The non-insulated high voltages that are present when operating this product, constitute a
risk of electric shock, personal injury, death and/or ignition of fire.
This product is intended for evaluation purposes only. It shall be operated in a designated test
area by personnel qualified according to local requirements and labor laws to work with
non-insulated mains voltages and high-voltage circuits. This product shall never be operated
unattended.


Similar Part No. - UM10570

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM10572 PHILIPS-UM10572 Datasheet
1Mb / 16P
   PCA9955 demonstration board OM13330
Rev. 1-7 June 2012
UM10574 PHILIPS-UM10574 Datasheet
411Kb / 14P
   PCA9685 demonstration board OM13332
Rev. 1-1 April 2014
More results

Similar Description - UM10570

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1688 DIODES-AP1688 Datasheet
359Kb / 10P
   AC/DC, HIGH PF, HIGH EFFICIENCY, UNIVERSAL MAINS LED DRIVER CONTROLLER
logo
NXP Semiconductors
UM10523 PHILIPS-UM10523 Datasheet
430Kb / 14P
   TEA1721 universal mains white goods flyback SMPS demo board
Rev. 1-27 January 2012
logo
Maxic Technology Corpor...
MT777XL MAXIC-MT777XL Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
MT773XH MAXIC-MT773XH Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
MT777XH MAXIC-MT777XH Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
MT771XL MAXIC-MT771XL Datasheet
227Kb / 1P
   High Efficiency Buck Constant Current LED Driver
logo
Global Mixed-mode Techn...
G2605 GMT-G2605 Datasheet
80Kb / 1P
   High Efficiency, Constant Current 36V LED driver
logo
Aimtron Technology
AT1313 AIMTRON-AT1313 Datasheet
195Kb / 12P
   High Efficiency, Constant Current White-LED Driver
logo
Maxic Technology Corpor...
MT771XH MAXIC-MT771XH Datasheet
228Kb / 1P
   High Efficiency Buck Constant Current LED Driver
logo
SamHop Microelectronics...
SM6704 SAMHOP-SM6704 Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com