Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM10564 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # UM10564
Description  UBA2017DB1064 2 x 28 W T5 demo board
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UM10564 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button UM10564 Datasheet HTML 2Page - NXP Semiconductors UM10564 Datasheet HTML 3Page - NXP Semiconductors UM10564 Datasheet HTML 4Page - NXP Semiconductors UM10564 Datasheet HTML 5Page - NXP Semiconductors UM10564 Datasheet HTML 6Page - NXP Semiconductors UM10564 Datasheet HTML 7Page - NXP Semiconductors UM10564 Datasheet HTML 8Page - NXP Semiconductors UM10564 Datasheet HTML 9Page - NXP Semiconductors UM10564 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
UM10564
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
User manual
Rev. 1 — 20 August 2012
6 of 21
NXP Semiconductors
UM10564
UBA2017DB1064 2 x 28 W T5 demo board
5.2.1 Improved valley fill function
The topology of this board is an improved valley fill (IVF), consisting of Cvf1, Cvf2, Dvf1,
Dvf2, Dvf3, Dvf4 and Cbus. The charge pump capacitors Cpump1 and Cpump2 which connect to
the lamp voltage signal improve the valley fill function. Both electrolytic capacitors have a
rating of 250 V. Do not exceed the maximum rating of the electrolytic capacitors. Channel
F1 in Figure 5 shows the voltage across the upper electrolytic capacitor Cvf1 = C4 in the
schematic when the lamp does not ignite.
Fig 5.
Principle ballast schematic
lamp current sense
Half-bridge current sense
-
+
Rsl
Dvf3
Cfil
Lfil
Cpump2
Cfil
Dcic2
Lr2A
Lr1A
Ccic
Lamp1
Cpump1
Lamp2
Cfil
Cvf1
Cr1
Cfil
Cr2
Cdc
Cbus
Rs
Dvf2
Dvf1
Lr2C
LIN
Lfil
Lr1C
Cvf2
Lr2B
Q2
Lcic
Lfil
Q1
CIN
Dcic1
-+
Dbridge
Lr1B
Lfil
Dvf4
VIN
aaa-003976


Similar Part No. - UM10564

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM10561 PHILIPS-UM10561 Datasheet
1Mb / 24P
   UBA2017AT reference design for 420 V (DC)
Rev. 1-13 August 2012
UM10562 NXP-UM10562 Datasheet
4Mb / 942P
   LPC408x/407x User manual
Rev. 1-13 September 2012
UM10569 PHILIPS-UM10569 Datasheet
330Kb / 15P
   Store and transport requirements
Rev. 3.00-9 March 2015
More results

Similar Description - UM10564

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM10899 PHILIPS-UM10899 Datasheet
552Kb / 27P
   TEA1833DB1361 45 W demo board
Rev. 1-26 August 2015
logo
Infineon Technologies A...
ICE2QS03G INFINEON-ICE2QS03G_16 Datasheet
2Mb / 28P
   45 W adapter demo board
Revision 1.0 2016-06-27
logo
National Semiconductor ...
LM4883-SQ_BOM-001A NSC-LM4883-SQ_BOM-001A Datasheet
43Kb / 1P
   Demo Board
logo
Melexis Microelectronic...
EVB90401 MELEXIS-EVB90401 Datasheet
269Kb / 6P
   MLX90401 Demo Board
logo
International Rectifier
IRCS2277S IRF-IRCS2277S Datasheet
772Kb / 20P
   IRCS2277S Demo Board
logo
NXP Semiconductors
UM10469 PHILIPS-UM10469 Datasheet
914Kb / 17P
   48 V/150 W demo board using the SSL4101
Rev. 1.2-29 December 2014
UM10437 PHILIPS-UM10437 Datasheet
2Mb / 27P
   GreenChip 65 W TEA1738LT/T and TEA1703 demo board
Rev. 1-28 February 2011
logo
Sipex Corporation
SP6121EB SIPEX-SP6121EB Datasheet
419Kb / 6P
   Demo Board Manual
logo
Microchip Technology
DM164120-4 MICROCHIP-DM164120-4 Datasheet
250Kb / 1P
   DM164120-4 - PICkit 2 18-Pin Demo Board
logo
List of Unclassifed Man...
FB80XED-LCD ETC-FB80XED-LCD Datasheet
24Kb / 1P
   7-Segment Demo board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com