Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TT60N16SOF Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TT60N16SOF
Description  Industrial standard package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TT60N16SOF Datasheet(HTML) 3 Page - Infineon Technologies AG

  TT60N16SOF Datasheet HTML 1Page - Infineon Technologies AG TT60N16SOF Datasheet HTML 2Page - Infineon Technologies AG TT60N16SOF Datasheet HTML 3Page - Infineon Technologies AG TT60N16SOF Datasheet HTML 4Page - Infineon Technologies AG TT60N16SOF Datasheet HTML 5Page - Infineon Technologies AG TT60N16SOF Datasheet HTML 6Page - Infineon Technologies AG TT60N16SOF Datasheet HTML 7Page - Infineon Technologies AG TT60N16SOF Datasheet HTML 8Page - Infineon Technologies AG TT60N16SOF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Netz-Thyristor-Modul
Phase Control Thyristor Module
Technische Information /
technical information
TT60N16SOF
Date of Publication 2014-08-15
Revision: 3.1
Seite/page: 3/11
Thermische Eigenschaften
Mechanische Eigenschaften
Elektrische Eigenschaften / Electrical properties
Charakteristische Werte / Characteristic values
Freiwerdezeit
circuit commutated turn-off time
Tvj = Tvj max, iTM = ITAVM
vRM = 100 V, vDM = 0,67 VDRM
dvD/dt = 20 V/µs, -diT/dt = 10 A/µs
5.Kennbuchstabe / 5
th letter O
tq
typ.
170 µs
Isolations-Prüfspannung
insulation test voltage
RMS, f = 50 Hz, t = 1min
RMS, f = 50 Hz, t = 1sec
VISOL
3,0
3,6
kV
kV
Thermische Eigenschaften / Thermal properties
Innerer Wärmewiderstand
thermal resistance, junction to case
pro Modul / per Module,
Θ = 180° sin
pro Zweig / per arm,
Θ = 180° sin
pro Modul / per Module, DC
pro Zweig / per arm, DC
RthJC
max.
max.
max.
max.
0,245
0,490
0,235
0,470
K/W
K/W
K/W
K/W
Übergangs-Wärmewiderstand
thermal resistance, case to heatsink
pro Modul / per Module
pro Zweig / per arm
RthCH
max.
max.
0,11
0,22
K/W
K/W
Höchstzulässige Sperrschichttemperatur
maximum junction temperature
Tvj max
130 °C
Betriebstemperatur
operating temperature
Tc op
-40...+125 °C
Lagertemperatur
storage temperature
Tstg
-40...+125 °C
Mechanische Eigenschaften / Mechanical properties
Gehäuse, siehe Anlage
case, see annex
Seite 4
page 4
Innere Isolation
internal insulation
Basisisolierung (Schutzklasse 1, EN61140)
Basic insulation (class 1, IEC61140)
Al2O3
Anzugsdrehmoment für mechanische Anschlüsse
mounting torque
Toleranz / Tolerance ± 15%
M1
5
Nm
Anzugsdrehmoment für elektrische Anschlüsse
terminal connection torque
Toleranz / Tolerance ± 15%
M2
3
Nm
Steueranschlüsse
control terminals
DIN 46 244
A 2,8 x 0,8
Gewicht
weight
G
typ.
75 g
Kriechstrecke
creepage distance
mm
Schwingfestigkeit
vibration resistance
f = 50 Hz
50 m/s²
file-No.
E 83335


Similar Part No. - TT60N16SOF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TT600N16KOF INFINEON-TT600N16KOF Datasheet
530Kb / 11P
   Pressure contact technology for high reliability
TT600N16KOF INFINEON-TT600N16KOF Datasheet
431Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2016-11-25 Revision: 3.3
TT600N16KOF INFINEON-TT600N16KOF_16 Datasheet
431Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2016-11-25 Revision: 3.3
logo
DONGGUAN YOU FENG WEI E...
TT601F YFWDIODE-TT601F Datasheet
357Kb / 3P
   6A SURFACE MOUNT GLASS PASSIVATED BRIDGE
TT602F YFWDIODE-TT602F Datasheet
357Kb / 3P
   6A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results

Similar Description - TT60N16SOF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKL300 VISHAY-VS-VSKL300 Datasheet
225Kb / 8P
   Industrial standard package
Revision: 11-Apr-14
logo
Infineon Technologies A...
TT175N INFINEON-TT175N Datasheet
428Kb / 11P
   Industrial standard package
2014-11-12 Revision: 3.2
logo
Vishay Siliconix
VS-VSKU105 VISHAY-VS-VSKU105 Datasheet
269Kb / 9P
   Industrial standard package
Revision: 24-Mar-14
VS-VSKU91 VISHAY-VS-VSKU91 Datasheet
280Kb / 9P
   Industrial standard package
Revision: 24-Mar-14
VS-VSKT91 VISHAY-VS-VSKT91 Datasheet
340Kb / 9P
   Industrial standard package
Revision: 24-Mar-14
VS-VSKT105 VISHAY-VS-VSKT105 Datasheet
316Kb / 9P
   Industrial standard package
Revision: 21-Mar-14
VS-VSKT152 VISHAY-VS-VSKT152 Datasheet
216Kb / 9P
   Industrial standard package
Revision: 11-Apr-14
VS-VSKU41 VISHAY-VS-VSKU41 Datasheet
414Kb / 11P
   Industrial standard package
Revision: 24-Mar-14
VS-VSKU71 VISHAY-VS-VSKU71 Datasheet
274Kb / 9P
   Industrial standard package
Revision: 24-Mar-14
logo
Infineon Technologies A...
DD170N INFINEON-DD170N Datasheet
384Kb / 10P
   Industrial standard package
2014-08-15 Revision 3.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com