Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A7300 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS7A7300
Description  3-A, Fast-Transient, Low-Dropout Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A7300 Datasheet(HTML) 4 Page - Texas Instruments

  TPS7A7300_15 Datasheet HTML 1Page - Texas Instruments TPS7A7300_15 Datasheet HTML 2Page - Texas Instruments TPS7A7300_15 Datasheet HTML 3Page - Texas Instruments TPS7A7300_15 Datasheet HTML 4Page - Texas Instruments TPS7A7300_15 Datasheet HTML 5Page - Texas Instruments TPS7A7300_15 Datasheet HTML 6Page - Texas Instruments TPS7A7300_15 Datasheet HTML 7Page - Texas Instruments TPS7A7300_15 Datasheet HTML 8Page - Texas Instruments TPS7A7300_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TPS7A7300
SBVS190D – MARCH 2012 – REVISED SEPTEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Over operating temperature range (TJ = –40°C to +125°C), 1.425 V ≤ VIN ≤ 6.5 V, VIN ≥ VOUT(TARGET) + 0.3 V or
VIN ≥ VOUT(TARGET) + 0.7 V
(1) (2), OUT connected to 50 Ω to GND(3),V
EN = 1.1 V, COUT = 10 μF, CSS = 10 nF, CFF = 0 pF (RGW
package), CFF = 220 pF (RGT package), and PG pin pulled up to VIN with 100 kΩ, 27 kΩ ≤ R2 ≤ 33 kΩ for adjustable
configuration
(4), unless otherwise noted.
Typical values are at TJ = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
1.425
6.5
V
V(SS)
SS pin voltage
0.5
V
Output voltage range
Adjustable with external feedback resistors
0.9
5.0
V
Fixed with voltage setting pins
0.9
3.5
VOUT
Adjustable, 25 mA
≤ IOUT ≤ 3 A
–2.0
+2.0
Output voltage accuracy(5)(6)
%
Fixed, 25 mA
≤ IOUT ≤ 3 A
–3.0
+3.0
ΔVO(ΔVI)
Line regulation
IOUT = 25 mA
0.01
%/V
ΔVO(ΔIO)
Load regulation
25 mA
≤ IOUT ≤ 3 A
0.1
%/A
VOUT ≤ 3.3 V, IOUT = 3 A, V(FB) = GND
240
mV
V(DO)
Dropout voltage (7)
3.3 V < VOUT, IOUT = 3 A, V(FB) = GND
700
mV
VOUT forced at 0.9 × VOUT(TARGET), VIN = 3.3 V,
I(LIM)
Output current limit
3.6
A
VOUT(TARGET) = 0.9 V
Full load, IOUT = 3 A
3.7
mA
Minimum load,
4
mA
I(GND)
GND pin current
VIN = 6.5 V, VOUT(TARGET) = 0.9 V, IOUT = 25 mA
Shutdown, PG = (open),
0.1
5
μA
VIN = 6.5 V, VOUT(TARGET) = 0.9 V, V(EN) < 0.5 V
I(EN)
EN pin current
VIN = 6.5 V, V(EN) = 0 V and 6.5 V
±0.1
μA
EN pin low-level input voltage
VIL(EN)
0
0.5
V
(disable device)
EN pin high-level input voltage
VIH(EN)
1.1
6.5
V
(enable device)
VIT(PG)
PG pin threshold
For the direction PG
↓ with decreasing VOUT
0.85VOUT
0.9VOUT
0.96VOUT
V
Vhys(PG)
PG pin hysteresis
For PG
0.02VOUT
V
VOL(PG)
PG pin low-level output voltage
VOUT < VIT(PG), IPG = –1 mA (current into device)
0.4
V
Ilkg(PG)
PG pin leakage current
VOUT > VIT(PG), V(PG) = 6.5 V
1
μA
I(SS)
SS pin charging current
V(SS) = GND, VIN = 3.3 V
3.5
5.1
7.2
μA
BW = 100 Hz to 100 kHz,
Vn
Output noise voltage
39.46
μVRMS
VIN = 1.5 V, VOUT = 1.2 V, IOUT = 3 A
Shutdown, temperature increasing
+160
°C
Tsd
Thermal shutdown temperature
Reset, temperature decreasing
+140
°C
TJ
Operating junction temperature
–40
+125
°C
(1)
When VOUT ≤ 3.5 V, VIN ≥ (VOUT + 0.3 V) or 1.425 V, whichever is greater; when VOUT > 3.5 V, VIN ≥ (VOUT + 0.7 V).
(2)
VOUT(TARGET) is the calculated target VOUT value from the output voltage setting pins: 50mV, 100mV, 200mV, 400mV, 800mV, and 1.6V
in fixed configuration, or the expected VOUT value set by external feedback resistors in adjustable configuration.
(3)
This 50-
Ω load is disconnected when the test conditions specify an IOUT value.
(4)
R2 is the bottom-side of the feedback resistor between the FB pin and GND. See Figure 40 for details.
(5)
When the TPS7A7300 is connected to external feedback resistors at the FB pin, external resistor tolerances are not included.
(6)
The TPS7A7300 is not tested at VOUT = 0.9 V, 2.7 V ≤ VIN ≤ 6.5 V, and 500 mA ≤ IOUT ≤ 3 A because the power dissipation is higher
than the maximum rating of the package. Also, this accuracy specification does not apply on any application condition that exceeds the
power dissipation limit of the package.
(7)
V(DO) is not defined for output voltage settings below 1.2 V.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS7A7300


Similar Part No. - TPS7A7300_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A7300 TI1-TPS7A7300_16 Datasheet
1Mb / 37P
[Old version datasheet]   Fast-Transient, Low-Dropout Voltage Regulator
More results

Similar Description - TPS7A7300_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A7300 TI1-TPS7A7300 Datasheet
1Mb / 28P
[Old version datasheet]   3-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7200 TI1-TPS7A7200_15 Datasheet
1Mb / 42P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200-EP TI-TPS7A7200-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   2-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7200 TI-TPS7A7200_15 Datasheet
1Mb / 32P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200 Datasheet
1Mb / 29P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7100 TI1-TPS7A7100 Datasheet
1Mb / 29P
[Old version datasheet]   1-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI1-TPS7A7300_16 Datasheet
1Mb / 37P
[Old version datasheet]   Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7100 TI-TPS7A7100_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS7A7100 1-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75715 TI-TPS75715 Datasheet
366Kb / 25P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com