Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A8101-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS7A8101-Q1
Description  TPS7A8101-Q1 Low-Noise, Wide-Bandwidth, High PSRR,Low-Dropout 1-A Linear Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A8101-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS7A8101-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS7A8101-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS7A8101-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS7A8101-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS7A8101-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS7A8101-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS7A8101-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS7A8101-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS7A8101-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
FB/SNS
IN
NR
IN
EN
6
7
8
5
4
OUT
OUT
FB/SNS
GND
1
2
3
TPS7A8101-Q1
www.ti.com
SLVSCK0A – APRIL 2014 – REVISED JUNE 2014
6 Pin Configuration and Functions
8-Pin SON
DRB Package
(Top View)
Pin Functions
PIN
DESCRIPTION
NAME
NO.
Driving this pin high turns on the regulator. Driving this pin low puts the regulator into shutdown mode. See
EN
5
to the Shutdown section for more details. The EN pin must not be left floating and can be connected to the
IN pin if not used.
FB/SNS
3
This pin is the input to the error amplifier and is used to set the output voltage of the device.
GND
4
Ground
7
IN
Unregulated input supply
8
Connect an external capacitor between this pin and ground to reduce output noise to very low levels. The
NR
6
capacitor also slows down the VO ramp (RC soft start).
1
OUT
Regulator output. A 4.7-
μF or larger ceramic capacitor is required for stability.
2
Thermal Pad
The Thermal Pad should be connected to GND.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS7A8101-Q1


Similar Part No. - TPS7A8101-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A8101-Q1 TI1-TPS7A8101-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A8101-Q1 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
More results

Similar Description - TPS7A8101-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A8101-Q1 TI1-TPS7A8101-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A8101-Q1 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8101 TI-TPS7A8101_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS7A8101 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A80 TI1-TPS7A80 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8101 TI1-TPS7A8101 Datasheet
990Kb / 24P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8001 TI1-TPS7A8001_13 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
TPS7A8001 TI-TPS7A8001_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS7A8001 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
TPS717-Q1 TI-TPS717-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS717xx-Q1 Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com