Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS715A Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS715A
Description  TPS715A, 24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS715A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS715A_15 Datasheet HTML 2Page - Texas Instruments TPS715A_15 Datasheet HTML 3Page - Texas Instruments TPS715A_15 Datasheet HTML 4Page - Texas Instruments TPS715A_15 Datasheet HTML 5Page - Texas Instruments TPS715A_15 Datasheet HTML 6Page - Texas Instruments TPS715A_15 Datasheet HTML 7Page - Texas Instruments TPS715A_15 Datasheet HTML 8Page - Texas Instruments TPS715A_15 Datasheet HTML 9Page - Texas Instruments TPS715A_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
f − Frequency − Hz
14
8
0
12
2
4
10
VIN = 4.3 V
VOUT = 3.3 V
COUT = 1 F
m
TJ = 25 C
°
IOUT = 1 mA
100
1 M
10
1k
10k
100k
10 M
IOUT = 50 mA
6
16
18
I
OUT - Output Current - mA
0
10
20
30
40
50
60
70
80
1000
900
800
700
600
500
400
300
200
100
0
V
IN = 4.3 V
T
J = +125ºC
T
J = +25ºC
T
J = 40 ºC
-
2.0
2.5
3.0
3.5
4.0
4.5
−40 −25 −10 5
20
35
50
65 80
95 110 125
TJ − Junction Temperature − °C
VIN = 4.3 V
VOUT = 3.3 V
IOUT = 1 F
m
100
1 k
10 k
100 k
f − Frequency − Hz
IOUT = 1 mA
IOUT = 50 mA
0
1
2
3
4
5
6
7
8
VIN = 4.3 V
VOUT = 3.3 V
COUT = 1 F
m
I
OUT – Output Current – mA
0
10
20
30
40
50
60
70
80
3.465
3.432
3.399
3.366
3.333
3.300
3.267
3.234
3.201
3.168
3.135
V
IN
= 4.3 V
T
J – Junction Temperature – ° C
-40 -25 -10 5 20 35 50 65 80 95 110 125
3.465
3.432
3.399
3.366
3.333
3.300
3.267
3.234
3.201
3.168
3.135
V
IN
= 4.3 V
I
OUT
= 10 mA
I
OUT
= 80 mA
TPS715A
SBVS047G – MAY 2004 – REVISED MAY 2015
www.ti.com
6.7 Typical Characteristics
Figure 2. TPS715A33 Dropout Voltage vs Junction
Figure 1. TPS715A33 Output Voltage vs Output Current
Temperature
Figure 4. Output Spectral Noise Density vs Frequency
Figure 3. Ground Current vs Junction Temperature
Figure 6. TPS715A33 Dropout Voltage vs Output Current
Figure 5. Output Impedance vs Frequency
6
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: TPS715A


Similar Part No. - TPS715A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715A01 TI-TPS715A01 Datasheet
285Kb / 11P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED 80-mA LDO LINEAR REGULATORS
TPS715A01DRBR TI1-TPS715A01DRBR Datasheet
820Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA LDO LINEAR REGULATORS
TPS715A01DRBR TI-TPS715A01DRBR Datasheet
920Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
TPS715A01DRBR TI1-TPS715A01DRBR Datasheet
1Mb / 26P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A01DRBR TI1-TPS715A01DRBR Datasheet
6Mb / 39P
[Old version datasheet]   TPS715A 80-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
More results

Similar Description - TPS715A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715A-NM TI1-TPS715A-NM Datasheet
466Kb / 20P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A TI1-TPS715A_16 Datasheet
1Mb / 26P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A01 TI-TPS715A01 Datasheet
285Kb / 11P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED 80-mA LDO LINEAR REGULATORS
logo
List of Unclassifed Man...
MAS9162 ETC1-MAS9162 Datasheet
89Kb / 8P
   80 mA LDO VOLTAGE REGULATOR IC
logo
RICOH electronics devic...
R1155 RICOH-R1155 Datasheet
563Kb / 26P
   150 mA 24 V Input High Voltage Regulator
logo
Nisshinbo Micro Devices...
R1155X NISSHINBO-R1155X Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
logo
Texas Instruments
TPS715A TI1-TPS715A Datasheet
6Mb / 39P
[Old version datasheet]   TPS715A 80-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
logo
Microchip Technology
MCP1799 MICROCHIP-MCP1799 Datasheet
1Mb / 25P
   80 mA High-Voltage Automotive LDO
05/14/19
logo
STMicroelectronics
ST715XX STMICROELECTRONICS-ST715XX Datasheet
382Kb / 19P
   High input voltage - 85 mA LDO linear regulator
ST715 STMICROELECTRONICS-ST715_V01 Datasheet
604Kb / 24P
   High input voltage, 85 mA LDO linear regulator
October 2020 Rev 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com