Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS717-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS717-Q1
Description  TPS717xx-Q1 Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS717-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS717-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS717-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS717-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS717-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS717-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS717-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS717-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS717-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS717-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
IN
N/C
(1)
EN
6
5
4
OUT
GND
NR/FB
1
2
3
OUT
NR/FB
IN
GND
EN
1
2
3
4
5
IN
N/C
(1)
EN
6
5
4
OUT
NR/FB
GND
1
2
3
GND
TPS717-Q1
SLVSBM4B – SEPTEMBER 2012 – REVISED DECEMBER 2014
www.ti.com
5 Pin Configuration and Functions
DCK Package
DRV Package
SOT-5
2-mm × 2-mm WSON
(Top View)
(Top View)
N/C = No connection
DSE Package
1.5-mm × 1.5-mm WSON
(Top View)
Pin Functions
PIN
NO.
I/O
DESCRIPTION
NAME
DCK
DRV
DSE
Driving the enable pin (EN) above VEN(high) turns on the regulator.
EN
3
4
4
I
Driving this pin below VEN(low) puts the regulator into standby mode,
thereby disabling the output and reducing operating current.
Adjustable voltage version only. The voltage at this pin is fed to the
FB
4
2
3
I
error amplifier. A resistor divider from OUT to FB sets the output
voltage when in regulation.
GND
2
3
2
Ground
Input to the device. A 0.1-
μF to 1-μF capacitor is recommended for
IN
1
6
6
I
better performance.
Not connected. This pin can be tied to ground to improve thermal
N/C
5
5
dissipation.
Fixed voltage versions only. An external capacitor connected to this
NR
4
2
3
pin bypasses noise generated by the internal band gap, thus lowering
output noise.
This pin is the regulated output voltage. A minimum capacitance of
OUT
5
1
1
O
1
μF is required for stability from this pin to ground.
4
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: TPS717-Q1


Similar Part No. - TPS717-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
More results

Similar Description - TPS717-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS717 TI-TPS717 Datasheet
1Mb / 42P
[Old version datasheet]   TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717 TI1-TPS717_16 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com