Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS720 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS720
Description  TPS720 350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS720 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS720_15 Datasheet HTML 6Page - Texas Instruments TPS720_15 Datasheet HTML 7Page - Texas Instruments TPS720_15 Datasheet HTML 8Page - Texas Instruments TPS720_15 Datasheet HTML 9Page - Texas Instruments TPS720_15 Datasheet HTML 10Page - Texas Instruments TPS720_15 Datasheet HTML 11Page - Texas Instruments TPS720_15 Datasheet HTML 12Page - Texas Instruments TPS720_15 Datasheet HTML 13Page - Texas Instruments TPS720_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
500mV/div
V
OUT
I
IN
EN
200mA/div
200mV/div
20 s/div
m
V
=1.3V
OUT
I
=400mA
IN-PEAK
1mV/div
V
OUT
V
IN
200mV/div
100 s/div
m
1.6V
2.0V
10
1
0.1
0.01
100
1k
10k
100k
Frequency(Hz)
500mV/div
V
OUT
I
IN
EN
50mA/div
200mV/div
20 s/div
m
V
=1.3V
OUT
I
=110mA
IN-PEAK
100
80
60
40
20
0
10
100
1k
1M
10k
100k
10M
Frequency(Hz)
I
=350mA
OUT
(V
V
-
IN
OUT)=350mV
(V
V
IN
OUT
-
)=300mV
(V
V
IN
OUT
-
)=250mV
100
80
60
40
20
0
10
100
1k
1M
10k
100k
10M
Frequency(Hz)
I
=1mA
OUT
I
=350mA
OUT
(V
V
IN
OUT
-
)=0.5V
(V
V
BIAS
OUT
-
)=1.4V
TPS720
SBVS100E – JUNE 2008 – REVISED SEPTEMBER 2015
www.ti.com
Typical Characteristics (continued)
Over operating temperature range (TJ = –40°C to 125°C), VBIAS = (VOUT + 1.4 V) or 2.5 V (whichever is greater); VIN = VOUT +
0.5 V, IOUT = 1 mA, VEN = 1.1 V, COUT = 2.2 μF, unless otherwise noted. Typical values are at TJ = 25°C.
Figure 19. VIN Power-Supply Ripple Rejection
Figure 20. VBIAS Power-Supply Ripple Rejection vs
Frequency (TPS72015YZU)
vs Frequency (TPS72015YZU)
VIN = 1.8 V
VOUT = 1.3 V
VBIAS = 2.7 V
IOUT = 0 mA
Figure 21. Output Spectral Noise Density vs Frequency
Figure 22. VIN Inrush Current
(TPS72015YZU)
VIN = 1.6 to 2 V
VOUT = 1.3 V
VBIAS = 2.7 V
VIN = 1.8 V
VOUT = 1.3 V
VBIAS = 2.7 V
VIN Slew Rate = 1 V/μs
IOUT = 350 mA
IOUT = 350 mA
Figure 24. VIN Line Transient Response
Figure 23. VIN Inrush Current
10
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TPS720


Similar Part No. - TPS720_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS720115DRVR TI1-TPS720115DRVR Datasheet
850Kb / 25P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720115DRVR TI-TPS720115DRVR Datasheet
1Mb / 25P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720115DRVR TI1-TPS720115DRVR Datasheet
1Mb / 33P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720115DRVR TI1-TPS720115DRVR Datasheet
983Kb / 28P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720115DRVT TI1-TPS720115DRVT Datasheet
850Kb / 25P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
More results

Similar Description - TPS720_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS720 TI1-TPS720_17 Datasheet
1Mb / 33P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720 TI1-TPS720_18 Datasheet
983Kb / 28P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS72009 TI1-TPS72009 Datasheet
850Kb / 25P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS72011 TI-TPS72011 Datasheet
1Mb / 25P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720 TI-TPS720 Datasheet
552Kb / 19P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720XX TI-TPS720XX Datasheet
741Kb / 21P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720XX_0809 TI-TPS720XX_0809 Datasheet
926Kb / 22P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
logo
STMicroelectronics
LD56050 STMICROELECTRONICS-LD56050 Datasheet
623Kb / 21P
   500 mA ultra-low dropout linear regulator with bias supply
Rev 2 - April 2018
logo
Analog Devices
ADP130 AD-ADP130 Datasheet
491Kb / 20P
   350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
TPS7A10 TI1-TPS7A10 Datasheet
1Mb / 29P
[Old version datasheet]   300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com