Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS767D301-EP Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS767D301-EP
Description  DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS767D301-EP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS767D301-EP_15 Datasheet HTML 4Page - Texas Instruments TPS767D301-EP_15 Datasheet HTML 5Page - Texas Instruments TPS767D301-EP_15 Datasheet HTML 6Page - Texas Instruments TPS767D301-EP_15 Datasheet HTML 7Page - Texas Instruments TPS767D301-EP_15 Datasheet HTML 8Page - Texas Instruments TPS767D301-EP_15 Datasheet HTML 9Page - Texas Instruments TPS767D301-EP_15 Datasheet HTML 10Page - Texas Instruments TPS767D301-EP_15 Datasheet HTML 11Page - Texas Instruments TPS767D301-EP_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
IO − Output Current − A
0.1
0.3
0.2
0.8
1
0
0.9
0.4
0.5
0.6 0.7
VO = 1.8 V
VI = 2.8V
TA = 25°C
1.7965
1.7960
1.7955
1.7950
1.7945
1.7940
IO − Output Current − A
2.4955
2.4940
2.4920
0.1
0.3
2.4950
2.4945
2.4935
0.2
0.4
0.6
2.4960
0
0.5
VO = 2.5 V
VI = 3.5 V
TA = 25°C
2.4930
2.4925
0.8
0.7
0.9
1
IO − Output Current − A
3.2830
3.2815
3.2800
0.1
0.3
3.2825
3.2820
3.2810
0.2
0.8
1
3.2835
0
0.9
3.2805
0.4
0.5
0.6 0.7
VO = 3.3 V
VI = 4.3 V
TA = 25°C
TA − Free-Air Temperature − °C
3.31
3.28
3.25
−40
0
3.30
3.29
3.27
−20
100
140
3.32
−60
120
3.26
20
40
60
80
VO = 3.3 V
VI = 4.3 V
IO = 1 A
IO = 1 mA
TA − Free-Air Temperature − °C
1.800
1.785
−40
0
1.810
1.805
1.795
−20
100
140
1.815
−60
120
1.790
20
40
60
80
IO = 1 mA
IO = 1 A
VO = 1.8 V
VI = 2.8 V
TA − Free-Air Temperature − °C
−40
0
−20
100
−60
120
20
40
60
80
2.515
2.500
2.480
2.510
2.505
2.495
2.490
2.485
VO = 2.5 V
VI = 3.5 V
IO = 1 A
IO = 1 mA
TPS767D301-EP
SGLS327A – FEBRUARY 2006 – REVISED APRIL 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
OUTPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
OUTPUT CURRENT
Figure 3.
Figure 4.
Figure 5.
OUTPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 6.
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS767D301-EP


Similar Part No. - TPS767D301-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS767D301-EP TI1-TPS767D301-EP Datasheet
698Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
TPS767D301-EP TI1-TPS767D301-EP Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-EP TI1-TPS767D301-EP Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS767D301-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS767D301-EP TI1-TPS767D301-EP Datasheet
698Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Texas Instruments
TPPM0111 TI-TPPM0111_15 Datasheet
430Kb / 17P
[Old version datasheet]   DUAL LOW - DROPOUT LINEAR REGULATOR
TPPM0110 TI-TPPM0110 Datasheet
247Kb / 14P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111 TI-TPPM0111 Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
logo
Rohm
BD7003NUX-E2 ROHM-BD7003NUX-E2 Datasheet
639Kb / 14P
   Dual, Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1952 AIC-AIC1952 Datasheet
314Kb / 13P
   Dual Output Low ESR Cap. Low-Dropout 300mA Linear Regulator
logo
Unisonic Technologies
LR6XXYY UTC-LR6XXYY Datasheet
169Kb / 4P
   DUAL OUTPUT LOW ESR CAP. LOW-DROPOUT 600MA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com