Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78326DDCR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS78326DDCR
Description  TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS78326DDCR Datasheet(HTML) 1 Page - Texas Instruments

  TPS78326DDCR Datasheet HTML 1Page - Texas Instruments TPS78326DDCR Datasheet HTML 2Page - Texas Instruments TPS78326DDCR Datasheet HTML 3Page - Texas Instruments TPS78326DDCR Datasheet HTML 4Page - Texas Instruments TPS78326DDCR Datasheet HTML 5Page - Texas Instruments TPS78326DDCR Datasheet HTML 6Page - Texas Instruments TPS78326DDCR Datasheet HTML 7Page - Texas Instruments TPS78326DDCR Datasheet HTML 8Page - Texas Instruments TPS78326DDCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TPS783xx
GND
EN
IN
OUT
V
IN
V
OUT
2.2
F
m
1
F
m
On
Off
OUT
GND
IN
GND
EN
1
2
3
5
4
TPS783xxDDC
SOT-5
(Top View)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS783
SBVS133A – FEBRUARY 2010 – REVISED NOVEMBER 2014
TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current
Low-Dropout Linear Regulator
1 Features
3 Description
The TPS783 family of low-dropout regulators (LDOs)
1
Input Voltage Range: 2.2 V to 5.5 V
offers the benefits of ultralow power and miniaturized
Low Quiescent Current (IQ): 500 nA
packaging.
150-mA, Low-Dropout Regulator
This LDO family is designed specifically for battery-
Low-Dropout at 25°C, 130 mV at 150 mA
powered
applications
where
ultralow
quiescent
Low-Dropout at 85°C, 175 mV at 150 mA
current is a critical parameter. The TPS783, with
ultralow IQ (500 nA), is ideal for microprocessors,
3% Accuracy Over Load, Line, and Temperature
microcontrollers,
and
other
battery-powered
Stable with a 1.0-
μF Ceramic Capacitor
applications.
Thermal Shutdown and Overcurrent Protection
The absence of pulldown circuitry at the output of the
CMOS Logic Level-Compatible Enable Pin
LDO provides the flexibility to use the regulator output
DDC (SOT-5) Package
capacitor as a temporary backup power supply (for
example, during battery replacement).
2 Applications
The ultralow power and miniaturized packaging allow
TI MSP430 Attach Applications
designers
to
customize
power
consumption
for
specific applications. Consult with your local factory
Wireless Handsets and Smartphones
representative for exact voltage options and ordering
MP3 Players
information; minimum order quantities may apply.
Battery-Operated Handheld Products
The TPS783 family is compatible with the TI MSP430
and other similar products. The enable pin (EN) is
compatible with standard CMOS logic. This device
allows
for
minimal
board
space
because
of
miniaturized packaging and a potentially small output
capacitor. The TPS783 family also features thermal
shutdown and current limit to protect the device
during fault conditions. All packages have a specified
operating temperature range of TJ = –40°C to 105°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS783xx
SOT (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the package option addendum
at the end of the datasheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS78326DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS783 TI-TPS783 Datasheet
338Kb / 15P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330 TI1-TPS78330 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330DDCR TI-TPS78330DDCR Datasheet
338Kb / 15P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330DDCR TI-TPS78330DDCR Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330DDCR TI1-TPS78330DDCR Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results

Similar Description - TPS78326DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS782 TI1-TPS782_16 Datasheet
1Mb / 29P
[Old version datasheet]   500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS782 TI-TPS782 Datasheet
1Mb / 28P
[Old version datasheet]   TPS782 500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
TPS76501-Q1 TI1-TPS76501-Q1 Datasheet
314Kb / 21P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Analog Devices
ADP160 AD-ADP160 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1 Datasheet
574Kb / 18P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
TPS78225-Q1 TI-TPS78225-Q1_15 Datasheet
846Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
TPS780 TI1-TPS780_16 Datasheet
1Mb / 37P
[Old version datasheet]   150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS780xx 150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable,Dual-Level Output Voltage
logo
Analog Devices
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com