Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5110 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS5110
Description  SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5110 Datasheet(HTML) 4 Page - Texas Instruments

  TPS5110_15 Datasheet HTML 1Page - Texas Instruments TPS5110_15 Datasheet HTML 2Page - Texas Instruments TPS5110_15 Datasheet HTML 3Page - Texas Instruments TPS5110_15 Datasheet HTML 4Page - Texas Instruments TPS5110_15 Datasheet HTML 5Page - Texas Instruments TPS5110_15 Datasheet HTML 6Page - Texas Instruments TPS5110_15 Datasheet HTML 7Page - Texas Instruments TPS5110_15 Datasheet HTML 8Page - Texas Instruments TPS5110_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
TPS5110
SLVS025B − APRIL 2002 − REVISED JULY 2004
4
www.ti.com
ELECTRICAL CHARACTERISTICS
Over recommended free-air temperature range, VVIN_SENSE = 12 V and VREG5V_IN = 5 V (unless otherwise specified).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT SECTION
ICC
Supply current
REG5V_IN current, TA = 25_C,
VLDO_IN = 3.6 V,
VCT = VINV = VINV_LDO = VPWM_SEL = 0 V
0.9
1.4
mA
ICC(S)Shutdown current
REG5V_IN current,
VSTBY = VSTBY_LDO = 0 V
0.001
10.00
µA
UNDERVOLTAGE LOCKOUT SECTION
V(TLH)Low-to-high threshold voltage
REG5V_IN voltage
3.6
4.2
V
V(TLL)High-to-low threshold voltage
REG5V_IN voltage
3.5
4.1
V
VHYS Hysteresis
REG5V_IN voltage
30
200
mV
REFERENCE VOLTAGE SECTION
VREF Reference voltage
0.85
V
TA = 25_C,
IREF = 50 µA
−1%
1%
VREF(tol)
Reference voltage tolerance
0
_C ≤ TA ≤ 85_C,
IREF = 50 µA
-1.5%
1.5%
VREF(tol)
Reference voltage tolerance
−40
_C ≤ TA ≤ 85_C,
IREF = 50 µA
−2%
2%
Reg(line)
Line regulation
IREF = 50 µA,
4.5 V
≤ V(REG5V_IN) ≤ 5.5 V
0.05
5
mV
Reg(load)
Load regulation
0.1
µA ≤ IREF ≤ 1 mA
0.15
5
mV
CONTROL SECTION
VIH
High-level input voltage
STBY, STBY_LDO, PWM_SEL
2.2
V
VIL
Low-level input voltage
STBY, STBY_LDO, PWM_SEL
0.3
V
OUTPUT VOLTAGE MONITOR SECTION
OVP comparator threshold voltage
SBRC, LDO
0.91
0.95
0.99
UVP comparator threshold voltage
SBRC, LDO
0.51
0.55
0.59
V
Powergood comparator 1, 4 threshold voltage
0.75
0.79
0.81
V
Powergood comparator 2, 3 threshold voltage
0.88
0.91
0.94
Powergood propagation delay from INV and
POWERGOOD high-to-low
1.2
s
Powergood propagation delay from INV and
INV_LDO to POWERGOOD
POWERGOOD low-to-high
4
µs
Timer latch current source
UVP protection
−1.5
−2.3
−3.1
A
Timer latch current source
OVP protection
−80
−125
−180
µA
OSCILLATOR SECTION
fOSC Oscillator frequency
PWM mode,
CCT = 44 pF
TA = 25_C
300
kHz
VOH CT high-level output voltage
dc
1.0
1.1
1.2
VOH CT high-level output voltage
fOSC = 300 kHz
1.17
V
VOL CT low-level output voltage
dc
0.4
0.5
0.6
V
VOL CT low-level output voltage
fOSC = 300 kHz
0.43


Similar Part No. - TPS5110_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
More results

Similar Description - TPS5110_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI1-TPS5130-Q1 Datasheet
564Kb / 31P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Microsemi Corporation
NX2309 MICROSEMI-NX2309 Datasheet
444Kb / 16P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER
NX2601 MICROSEMI-NX2601 Datasheet
1,010Kb / 25P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
NX2305 MICROSEMI-NX2305 Datasheet
579Kb / 19P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER, POWER GOOD & ENABLES
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com