Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3700DSER Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3700DSER
Description  TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3700DSER Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS3700DSER Datasheet HTML 5Page - Texas Instruments TPS3700DSER Datasheet HTML 6Page - Texas Instruments TPS3700DSER Datasheet HTML 7Page - Texas Instruments TPS3700DSER Datasheet HTML 8Page - Texas Instruments TPS3700DSER Datasheet HTML 9Page - Texas Instruments TPS3700DSER Datasheet HTML 10Page - Texas Instruments TPS3700DSER Datasheet HTML 11Page - Texas Instruments TPS3700DSER Datasheet HTML 12Page - Texas Instruments TPS3700DSER Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
INA+
GND
INB–
V
DD
OUTA
OUTB
Reference
TPS3700
www.ti.com
SBVS187D – FEBRUARY 2012 – REVISED JANUARY 2015
8 Detailed Description
8.1 Overview
The TPS3700 device combines two comparators for overvoltage and undervoltage detection. The TPS3700
device is a wide-supply voltage range (1.8 V to 18 V) device with a high-accuracy rising input threshold of
400 mV (1% over temperature) and built-in hysteresis. The outputs are also rated to 18 V and can sink up to 40
mA.
The TPS3700 device is designed to assert the output signals, as shown in Table 1. Each input terminal can be
set to monitor any voltage above 0.4 V using an external resistor divider network. With the use of two input
terminals of different polarities, the TPS3700 device forms a window comparator. Broad voltage thresholds can
be supported that allow the device to be used in a wide array of applications.
Table 1. TPS3700 Truth Table
CONDITION
OUTPUT
STATUS
INA+ > VIT+
OUTA high
Output A not asserted
INA+ < VIT–
OUTA low
Output A asserted
INB– > VIT+
OUTB low
Output B asserted
INB– < VIT–
OUTB high
Output B not asserted
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Inputs (INA+, INB–)
The TPS3700 device combines two comparators. Each comparator has one external input (inverting and
noninverting); the other input is connected to the internal reference. The comparator rising threshold is designed
and trimmed to be equal to the reference voltage (400 mV). Both comparators also have a built-in falling
hysteresis that makes the device less sensitive to supply rail noise and ensures stable operation.
The comparator inputs can swing from ground to 6.5 V, regardless of the device supply voltage used. Although
not required in most cases, good analog design practice is to place a 1-nF to 10-nF bypass capacitor at the
comparator input for extremely noisy applications to reduce sensitivity to transients and layout parasitics.
For comparator A, the corresponding output (OUTA) is driven to logic low when the input INA+ voltage drops
below (VIT+ – Vhys). When the voltage exceeds VIT+, the output (OUTA) goes to a high-impedance state; see
Figure 1.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS3700


Similar Part No. - TPS3700DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3700DDCR TI1-TPS3700DDCR Datasheet
633Kb / 19P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700DDCT TI1-TPS3700DDCT Datasheet
633Kb / 19P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
More results

Similar Description - TPS3700DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3700-Q1 TI-TPS3700-Q1_15 Datasheet
955Kb / 25P
[Old version datasheet]   TPS3700-Q1 Window Comparator for Over- and Undervoltage Detection
TPS3701 TI-TPS3701_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS3701 36-V Window Comparator with Internal Reference for Over- and Undervoltage Detection
TPS3700 TI1-TPS3700_14 Datasheet
984Kb / 23P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700 TI1-TPS3700 Datasheet
633Kb / 19P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI1-TPS3700-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
logo
Maxim Integrated Produc...
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
   Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
logo
National Semiconductor ...
LMV7231 NSC-LMV7231 Datasheet
596Kb / 18P
   Hex Window Comparator with 1.5 Precision and 400mV Reference
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Texas Instruments
LMV7231 TI1-LMV7231_14 Datasheet
1Mb / 22P
[Old version datasheet]   LMV7231 Hex Window Comparator with 1.5% Precision and 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com