Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40040DRBR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40040DRBR
Description  LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40040DRBR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS40040DRBR Datasheet HTML 7Page - Texas Instruments TPS40040DRBR Datasheet HTML 8Page - Texas Instruments TPS40040DRBR Datasheet HTML 9Page - Texas Instruments TPS40040DRBR Datasheet HTML 10Page - Texas Instruments TPS40040DRBR Datasheet HTML 11Page - Texas Instruments TPS40040DRBR Datasheet HTML 12Page - Texas Instruments TPS40040DRBR Datasheet HTML 13Page - Texas Instruments TPS40040DRBR Datasheet HTML 14Page - Texas Instruments TPS40040DRBR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
www.ti.com
Enable and Start-Up Sequence
Configure ILIM Threshold
Soft Start
4 ms
1.5 ms
VOUT
ENB
COMP
Soft Start
TPS40040, TPS40041
SLUS700D – MARCH 2006 – REVISED DECEMBER 2007
The EN pin of the TPS40040/1s internally pulled to VDD. When power is applied to VDD, the EN pin is allowed
to float high, and the TPS40040/1 remains OFF. Only when the EN pin is externally pulled below the threshold
voltage of VDD - 1.2 V is the TPS40040/1 allowed to start. When enabled, the TPS40040/1 enters a calibration
cycle where the short circuit current threshold is determined. The TPS40040/1 monitors the current out of the
COMP pin and selects a threshold based on the sensed value of the current. See Selecting the Short Circuit
Current Limit Threshold section for for details. When this calibration time is completed, the soft-start cycle is
allowed to begin. See Figure 19 below.
Figure 19. Startup
DESIGN
If the enable function is not used, the EN pin should be connected to ground
HINT:
(GND).
DESIGN
When designing the feedback loop compensation, ensure the capacitors used
HINT:
are not so large that they distort the COMP pin calibration waveform.
At the end of a calibration cycle, the TPS40040/1 slowly increases the voltage to the non-inverting input of the
error amplifier. In this way, the output voltage slowly ramps up until the voltage on the non-inverting input to the
error amplifier reaches the internal reference voltage. At that time, the voltage at the non-inverting input to the
error amplifier remains at the reference voltage.
During the soft-start interval, pulse-by-pulse current limiting is active. If seven consecutive current limit pulses are
detected, overcurrent is declared and a timeout period equivalent to seven calibration/soft-start cycles goes into
effect. See Output Short Circuit Protection section for details.
Copyright © 2006–2007, Texas Instruments Incorporated
11
Product Folder Link(s): TPS40040 TPS40041


Similar Part No. - TPS40040DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40040DRBR TI-TPS40040DRBR Datasheet
771Kb / 36P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
More results

Similar Description - TPS40040DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40040 TI-TPS40040 Datasheet
771Kb / 36P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
TPS40042 TI1-TPS40042_16 Datasheet
1Mb / 36P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
TPS40042 TI-TPS40042 Datasheet
833Kb / 35P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
logo
Rohm
BD83070GWL ROHM-BD83070GWL Datasheet
2Mb / 25P
   Synchronous Buck-Boost DC/DC Converter with 2 A Switches (VIN = 2.0 V to 5.5 V, 1ch)
logo
Texas Instruments
LM5143-Q1 TI1-LM5143-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   3.5-V to 65-V Low IQ, Dual Synchronous Buck DC/DC Controller
TPS40190 TI-TPS40190_15 Datasheet
897Kb / 27P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
TPS40190 TI-TPS40190 Datasheet
560Kb / 22P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
LM5143 TI-LM5143 Datasheet
4Mb / 70P
[Old version datasheet]   LM5143 3.5-V to 65-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM25143 TI-LM25143 Datasheet
4Mb / 69P
[Old version datasheet]   LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM25145 TI1-LM25145 Datasheet
2Mb / 62P
[Old version datasheet]   6-V to 42-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com