Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40041DRBRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40041DRBRG4
Description  LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40041DRBRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS40041DRBRG4 Datasheet HTML 2Page - Texas Instruments TPS40041DRBRG4 Datasheet HTML 3Page - Texas Instruments TPS40041DRBRG4 Datasheet HTML 4Page - Texas Instruments TPS40041DRBRG4 Datasheet HTML 5Page - Texas Instruments TPS40041DRBRG4 Datasheet HTML 6Page - Texas Instruments TPS40041DRBRG4 Datasheet HTML 7Page - Texas Instruments TPS40041DRBRG4 Datasheet HTML 8Page - Texas Instruments TPS40041DRBRG4 Datasheet HTML 9Page - Texas Instruments TPS40041DRBRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
www.ti.com
−40
60
120
Temperature − C
610
608
604
602
600
594
590
−20
0
40
80
100
596
20
592
598
606
VDD = 2.25 V
VDD = 3.9 V
VDD = 5.5 V
−40
60
120
Temperature − C
4.50
4.45
4.40
4.35
4.25
4.20
−20
0
40
80
100
4.30
20
VDD = 5 V
−40
60
120
Temperature − C
6.1
6.0
5.9
5.8
5.6
5.5
−20
0
40
80
100
5.7
20
VDD = 5 V
−40
60
120
Temperature − C
6.0
5.9
5.8
5.7
5.6
5.5
−20
0
40
80
100
20
VDD = 5 V
−40
60
120
Temperature − C
450
400
300
250
200
100
50
−20
0
40
80
100
150
20
350
RC = 2.5 kΩ
RC =nil
RC = 12.5 kΩ
−40
60
120
Temperature − C
80
70
60
50
30
20
−20
0
40
80
100
40
20
VDD = 3.3 V
VDD = 5 V
TPS40040, TPS40041
SLUS700D – MARCH 2006 – REVISED DECEMBER 2007
TYPICAL CHARACTERISTICS (continued)
Soft Start Time
FB Voltage
Figure 7.
Figure 8.
PWM Gain (TPS40040)
PWM Gain (TPS40041)
Figure 9.
Figure 10.
ILIM Threshold
Bootstrap Switch Resistance
Figure 11.
Figure 12.
6
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS40040 TPS40041


Similar Part No. - TPS40041DRBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40041DRBR TI-TPS40041DRBR Datasheet
771Kb / 36P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
More results

Similar Description - TPS40041DRBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40040 TI-TPS40040 Datasheet
771Kb / 36P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
TPS40042 TI1-TPS40042_16 Datasheet
1Mb / 36P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
TPS40042 TI-TPS40042 Datasheet
833Kb / 35P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
logo
Rohm
BD83070GWL ROHM-BD83070GWL Datasheet
2Mb / 25P
   Synchronous Buck-Boost DC/DC Converter with 2 A Switches (VIN = 2.0 V to 5.5 V, 1ch)
logo
Texas Instruments
LM5143-Q1 TI1-LM5143-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   3.5-V to 65-V Low IQ, Dual Synchronous Buck DC/DC Controller
TPS40190 TI-TPS40190_15 Datasheet
897Kb / 27P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
TPS40190 TI-TPS40190 Datasheet
560Kb / 22P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
LM5143 TI-LM5143 Datasheet
4Mb / 70P
[Old version datasheet]   LM5143 3.5-V to 65-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM25143 TI-LM25143 Datasheet
4Mb / 69P
[Old version datasheet]   LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM25145 TI1-LM25145 Datasheet
2Mb / 62P
[Old version datasheet]   6-V to 42-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com