Selected language     English  ▼


G0505S-2W_15 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part No. G0505S-2W_15
Description  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MORNSUN [MORNSUN Science& Technology Ltd.]
Homepage  http://www.mornsun-power.com
Logo 

   
 2 page
background image
DC/DC Converter
G_S-2W & H_S-2W Series
2015.04.28-C/1
Page 2 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current (no-load/full load)
5V input
--
40/500
--
mA
12V input
--
16/200
--
24V input
--
9/100
--
Surge Voltage (1sec. max.)
5V input
-0.7
--
9
VDC
12V input
-0.7
--
18
24V input
-0.7
--
30
Input Filter
Capacitor filter
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
See tolerance envelope graph (Fig. 1)
Line Regulation
Input voltage change: ±1%
--
--
±1.2
--
Balance of Output Voltage*
Dual output, balanced load
--
±0.5
±1
%
Load Regulation
10%-100% load
3.3VDC output
--
--
20
5VDC output
--
--
15
9VDC output
--
--
15
12VDC output
--
--
15
15VDC output
--
--
15
24VDC output
--
--
15
Ripple & Noise*
20MHz bandwidth
--
150
250
mVp-p
Temperature Drift Coefficient
100% full load
--
--
±0.03
%/℃
Output Short Circuit Protection
Continuous, self-recovery
Note: 1.*Unbalanced load of positive-negative dual output module: ±5%.
2.*Ripple and noise tested with “parallel cable” method, please see
DC-DC Converter Application Notes for specific operation methods.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output, with the test time of 1 minute and the leak
current lower than 1mA
6000
--
--
VDC
Isolation Resistance
Input-output, isolation voltage 500VDC
1000
--
--
Isolation Capacitance
Input-output, 100KHz/0.1V
--
5
--
pF
Operating Temperature
Derating when operating temperature ≥ 85℃ (see Fig. 2)
-40
--
105
Storage Temperature
-55
--
125
Casing Temperature Rise
Ta=25℃
--
25
--
Pin Welding Resistance
Temperature
Welding spot is 1.5mm away from the casing, 10 seconds
--
--
300
Storage Humidity
Non-condensing
--
--
95
%
Switching Frequency
100% load, nominal input
voltage
5V input
--
60
--
KHz
12V/24V input
--
80
--
MTBF
MIL-HDFK-217F@25℃
3500
--
--
K hours
Physical Specifications
Casing Material
Black flame-retardant and heat-resistant plastic (UL94-V0)
Package Dimensions
19.50*9.80*12.50 mm
Weight
4.2g(Typ.)
Cooling Method
Free air convection
EMC Specifications
EMI
Conducted emission
CISPR22/EN55022 CLASS B (see Fig. 5 for recommended circuit)
Radiated emission
CISPR22/EN55022 CLASS B (see Fig. 5 for recommended circuit)
EMS
Electrostatic discharge
IEC/EN61000-4-2
Contact ±6KV
perf. Criteria B




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl