Selected language     English  ▼


G0512S-2W Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part No. G0512S-2W
Description  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MORNSUN [MORNSUN Science& Technology Ltd.]
Homepage  http://www.mornsun-power.com
Logo 

   
 4 page
background image
DC/DC Converter
G_S-2W & H_S-2W Series
2015.04.28-C/1
Page 4 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Single
L
Vin
GND
+Vo
0V
DC
Cin
L
DC
Cout
Dual
Vin
GND
+Vo
0V
DC
Cin
L
L
DC
L Cout
Cout
-Vo
Fig. 3
Single
Vin
GND
0V
+Vo
DC DC
REG
REG
Vin
GND
0V
+Vo
DC DC
-Vo
REG
REG
REG
Dual
Fig. 4
Recommended capacitive load value table (Table 1)
Vin
(VDC)
Cin
(µF)
Single
Vout
(VDC)
Cout
(µF)
Dual
Vout
(VDC)
Cout
(µF)
5
10
3.3/5
10
±5
4.7
12
4.7
9
4.7
±9
2.2
24
2.2
12
2.2
±12
1
--
--
15
1
±15/±24
0.47
It is not recommended to connect any external capacitor when output power is less than 0.5W.
2. EMC typical recommended circuit (CLASS B)
Vin
GND
+Vo
-Vo
(
)
0V
DC/DC
LOAD
LDM
C1
C2
Vin
GND
C3
Fig. 5
Recommended typical circuit parameters:
Input voltage (V)
5/12/24
EMI
C1,C2
4.7µF /50V
C3
Refer to the Cout in Fig.3
LDM
6.8µH
3. Output load requirements
To ensure the module work efficiently and reliably, during the operation, the min. output load should be no less than 10% of the full load. If the
actual output power is low, please connect a resister to the output terminal in parallel, with a recommenced resistance which is 10% of the
rated power, and derating is required during operation.
4. For more information please find the application notes on www.mornsun-power.com
Dimensions and Recommended Layout




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl