Selected language     English  ▼


G0512S-2W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part No. G0512S-2W
Description  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MORNSUN [MORNSUN Science& Technology Ltd.]
Homepage  http://www.mornsun-power.com
Logo 

   
 1 page
background image
DC/DC Converter
G_S-2W & H_S-2W Series
2015.04.28-C/1
Page 1 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Selection Guide
Part No.
Input Voltage (VDC)
Output
Efficiency
(%,
Min./Typ.)
@ Full Load
Max. Capacitive
Load
*
(µF)
Nominal(Range)
Output Voltage(VDC)
Output Current
(mA)(Max./Min.)
G0505S-2W
5
(4.5-5.5)
±5
200/20
72/76
100
G0509S-2W
±9
111/12
76/80
G0512S-2W
±12
83/9
73/77
G0515S-2W
±15
67/7
76/80
G0524S-2W
±24
±42/±4
76/80
H0503S-2W
3.3
500/50
70/74
220
H0505S-2W
5
400/40
72/76
H0509S-2W
9
222/23
75/79
H0512S-2W
12
167/17
77/81
H0515S-2W
15
133/14
78/82
G1205S-2W
12
10.8-13.2)
±5
200/20
76/80
100
G1209S-2W
±9
111/12
79/83
G1212S-2W
±12
83/9
77/81
G1215S-2W
±15
67/7
80/84
H1205S-2W
5
400/40
76/80
220
H1209S-2W
9
222/23
80/84
H1212S-2W
12
167/17
81/85
H1215S-2W
15
133/14
82/86
G2405S-2W
24
21.6-26.4)
±5
±200/±20
76/80
100
G2412S-2W
±12
±83/±9
77/81
G2415S-2W
±15
±67/±7
78/82
H2405S-2W
5
400/40
76/80
220
H2409S-2W
9
222/23
77/81
H2412S-2W
12
167/17
80/84
H2415S-2W
15
133/14
81/85
H2424S-2W
24
83/9
76/80
Note:* The capacitive loads of positive and negative outputs are identical.
2W, Fixed input voltage , 6000VDC isolated &
unregulated positive-negative dual/single output
Patent Protection RoHS
FEATURES
SIP package
Efficiency up to 86%
Isolation voltage: 6K VDC
Operating temperature range:-40℃~+105℃
Continuous short circuit protection
Internal SMD Construction
International standard pin-out
G_S-2W & H_S-2W series is specially designed for applications where an isolated voltage is required in a distributed power supply system. It is
suitable for:
1.Where the voltage of the input power supply is stable (voltage variation: ±10%Vin);
2.Where isolation is necessary between input and output (isolation voltage ≤6000VDC);
3.Where do not has high requirement of line regulation and the ripple & noise of the output voltage;
Such as: pure digital circuits, low frequency analog circuits, IGBT-driven circuits, etc.




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl