Selected language     English  ā–¼


G0512S-2W Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part No. G0512S-2W
Description  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MORNSUN [MORNSUN Science& Technology Ltd.]
Homepage  http://www.mornsun-power.com
Logo 

   
 3 page
background image
DC/DC Converter
G_S-2W & H_S-2W Series
2015.04.28-C/1
Page 3 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Product Characteristic Curve
3.3VDC/5VDC output
-10%
80%
20%
10%
40%
60%
-5%
0
+5%
+10%
+15%
100%
Typ.
Min.
Max.
-7.5%
-2.5%
+2.5%
Tolerance Envelope Curve
Output Current Percent
(Nominal Input Voltage)
Other output
-10%
80%
20%
10%
40%
60%
-5%
0
+5%
+10%
+15%
100%
Typ.
Min.
Max.
-7.5%
-2.5%
+2.5%
Output Current Percent
(Nominal Input Voltage)
Tolerance Envelope Curve
Fig. 1
120
100
80
60
40
20
0
Ambient Temp.( )
ā„ƒ
Temperature Derating Graph
Safe Operating Area
40
0
40
85 105 120
Fig. 2
Design Reference
1. Typical application
If it is required to further reduce input and output ripple, a filter capacitor can be connected to the input and output terminals, see Fig.3.
Moreover, choosing suitable filter capacitor is very important, start-up problems may be caused by too large capacitance. To ensured the
modules running well, the recommended capacitive load values as shown in Table 1.
The simplest device for output voltage regulation, over-voltage and over-current protection is a linear voltage regulator with overheat
protection that is connected to the input or output end in series (see Fig. 4).




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl