Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2415XT-1WR2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # A2415XT-1WR2
Description  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A2415XT-1WR2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  A2415XT-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A2415XT-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. A2415XT-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. A2415XT-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. A2415XT-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DC/DC Converter
A_XT-1WR2 Series
2015.04.15-A/2
Page 1 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
1W, Fixed input voltage, isolated & unregulated
dual output
Patent Protection RoHS
FEATURES
Operating temperature range: -40℃ to +105℃
High efficiency up to 82%
Miniature SMD package
Isolation voltage: 1.5K VDC
Internal surface mounted design
No external component required
International standard pin-out
A_XT-1WR2 series are specially designed for applications where an isolated voltage is required in a distributed power supply system. They are
suitable for
1.
Where the voltage of the input power supply is stable (voltage variation: ±10%Vin);
2.
Where isolation between input and output is necessary (isolation voltage ≤1500VDC);
3.
Where the output voltage regulation is not strictly required;
4.
Typical application: preceding-stage interference isolation condition; ground-interference canceled condition; digit circuit condition;
Voltage-isolation converting condition; normal low-frequency artificial circuit condition; relay drive circuit condition, etc.
Selection Guide
Certification
Part No.
Input Voltage (VDC)
Output
Efficiency
(%,Min./Typ.)
@Full Load
Max. Capacitive
Load
(μF)
Nominal
(Range)
Output Voltage
(VDC)
Output Current
(mA)(Max./Min.)
CE
A0305XT-1WR2
3.3
(2.97-3.63)
±5
±100/±10
72/76
100
A0312XT-1WR2
±12
±42/±5
73/77
A0315XT-1WR2
±15
±33/±3
74/78
A0505XT-1WR2
5
(4.5-5.5)
±5
±100/±10
76/80
A0509XT-1WR2
±9
±56/±6
76/80
A0512XT-1WR2
±12
±42/±5
75/79
A0515XT-1WR2
±15
±33/±3
77/81
A0524XT-1WR2
±24
±21/±2
77/81
A1205XT-1WR2
12
(10.8-13.2)
±5
±100/±10
76/80
A1209XT-1WR2
±9
±56/±6
76/80
A1212XT-1WR2
±12
±42/±5
77/81
A1215XT-1WR2
±15
±33/±3
77/81
A1224XT-1WR2
±24
±21/±2
77/81
A1515XT-1WR2
15
(13.5-16.5)
±15
±33/±3
77/81
A2405XT-1WR2
24
(21.6-26.4)
±5
±100/±10
76/80
A2409XT-1WR2
±9
±56/±6
76/80
A2412XT-1WR2
±12
±42/±5
77/81
A2415XT-1WR2
±15
±33/±3
78/82
A2424XT-1WR2
±24
±21/±2
74/80
Note: *The capacitive loads of positive and negative outputs are identical.
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current
(full load / no-load)
3.3V input
--
389/25
--/70
mA
5V input
--
250/20
--/60
12V input
--
104/15
--/50
15V input
--
83/12
--/35
24V input
--
52/10
--30
Reflected Ripple Current
--
15
--
mA


Similar Part No. - A2415XT-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A2415XT-1WR2 MORNSUN-A2415XT-1WR2 Datasheet
314Kb / 4P
   DC/DC Converter
A2415XT-1WR2 MORNSUN-A2415XT-1WR2 Datasheet
334Kb / 5P
   DC/DC Converter
A2415XT-1WR2 MORNSUN-A2415XT-1WR2 Datasheet
758Kb / 5P
   UNREGULATED DUAL OUTPUT
More results

Similar Description - A2415XT-1WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com