Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD05-23B09 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # LD05-23B09
Description  5W, AC-DC converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LD05-23B09 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  LD05-23B09 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LD05-23B09 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LD05-23B09 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LD05-23B09 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LD05-23B09 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AC/DC Converter
LD05-23Bxx Series
2015.03.17-A/2
Page 4 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
EMC solution-recommended circuit PCB layout
Fig 3
Suggestions for safety regulation and wiring width: wire width ≥3mm, distance between wires ≥6mm, and distance between wire and
ground ≥6mm
Element model
Recommended value
MOV
S14K350
CX
0.1μF/310VAC
L1
4.7uH/2.0A
CY1
1nF/400VAC
CY2
1nF /400VAC
NTC
12D-5
LCM
2.2mH, recommended to use MORNSUN’s FL2D-10-222
FUSE
1A/300V, slow fusing, necessary
FC-LX1D
EMC filter
3. For more information about Mornsun EMC Filter products, please visit www.mornsun-power.com to
download the Selection Guide of EMC Filter
Dimensions and Recommended Layout
Note:
Unit:mm[inch]
Pindiametertolerances:±0.10[±0.004]
Generaltolerances:±0.50[±0.020]
Note:Grid2.54*2.54mm
1100102401-B0
2
4
1
2
4
3
BottomView
FrontView
45.72[1.800]
50.80[2.000]
∅1.00[0.039]
1
3
∅1.50[∅0.059]
Pin-Out
Pin
Function
1
+Vo
-Vo
2
3
4
THIRDANGLEPROJECTION
AC(N)
AC(L)


Similar Part No. - LD05-23B09

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LD05-23B09 MORNSUN-LD05-23B09 Datasheet
220Kb / 4P
   AC/DC Converter
More results

Similar Description - LD05-23B09

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH05-10B03 MORNSUN-LH05-10B03_15 Datasheet
1Mb / 7P
   5W, AC-DC converter
LD05-20B05MU MORNSUN-LD05-20B05MU Datasheet
1Mb / 4P
   5W, AC/DC converter
LHE05-20A05 MORNSUN-LHE05-20A05 Datasheet
1Mb / 6P
   5W, AC-DC converter
LS05-15B03S MORNSUN-LS05-15B03S Datasheet
918Kb / 5P
   5W,AC-DC CONVERTER
LD05-20B03 MORNSUN-LD05-20B03_15 Datasheet
398Kb / 7P
   5W, AC/DC converter
LO05-12B03 MORNSUN-LO05-12B03 Datasheet
517Kb / 4P
   5W, AC-DC converter
LS05-26B03SS MORNSUN-LS05-26B03SS Datasheet
1Mb / 6P
   5W, AC/DC converter
LHE05-20B03 MORNSUN-LHE05-20B03 Datasheet
1Mb / 5P
   5W, AC-DC converter
LDE03-20B03 MORNSUN-LDE03-20B03 Datasheet
1Mb / 6P
   3W/5W, AC-DC converter
LD03-10B03 MORNSUN-LD03-10B03 Datasheet
226Kb / 10P
   3-5W,AC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com