Selected language     English  ▼


G0507S-1W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part No. G0507S-1W
Description  FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MORNSUN [MORNSUN Science& Technology Ltd.]
Homepage  http://www.mornsun-power.com
Logo 

   
 1 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
H_S-1W & G_S-1W
2015.04.27-B/4 Page 1 of 5
FEATURES
SIP package
● 6000VDC isolation
● Operating temperature range:
-40℃~+105℃
● Efficiency up to 80%
● Internal SMD construction
● No external component required
● Industry standard pinout
APPLICATIONS
The H_S-1W & G_S-1W Series are designed for
application where isolated output is required from a
distributed power system.
These products apply to where:
1) Input voltage rang :±10%Vin;
2) 6000VDC input and output isolation;
3) Where do not has high requirement of line
regulation and the ripple & noise of the output voltage;
Such as: digital circuit, low frequency analog circuit, and
relay drive circuit.
H_S-1W & G_S-1W Series
1W, FIXED INPUT, ISOLATED & UNREGULATED
SINGLE / DUAL OUTPUT
Patent Protected RoHS
PART NUMBER SYSTEM
G0505S-1W
Rated Power
ackage
P
Output Voltage
Input Voltage
Product Series
SELECTION GUIDE
Model
Input
Voltage(VDC)
Output
Voltage
(VDC)
Output Current
(mA)
Input Current (mA,Typ.) Reflected
Ripple
Current
(mA,Typ.)
Max.
Capacitive
Load(µF)
Efficiency
(%, Typ.)
Approval
Nominal
(Range)
Max.
Min.
@Max. Load @No Load
H0503S-1W
5
(4.5-5.5)
3.3
303
30
278
30
15
220
72
--
H0505S-1W
5
200
20
256
78
UL
H0509S-1W
9
111
12
253
79
UL
H0512S-1W
12
84
9
253
79
UL
H0515S-1W
15
67
7
253
79
UL
H0524S-1W
24
42
4
250
80
--
G0505S-1W
±5
±100
±10
256
100
78
--
G0507S-1W
±7.2
±70
±7
256
78
--
G0509S-1W
±9
±56
±6
253
79
--
G0512S-1W
±12
±42
±5
253
79
--
G0515S-1W
±15
±33
±4
253
79
--
H1205S-1W
12
(10.8-13.2)
5
200
20
104
20
5
220
80
UL
H1207S-1W
7.2
139
14
104
80
--
H1209S-1W
9
111
12
102
82
UL
H1212S-1W
12
84
9
103
81
UL
H1215S-1W
15
67
7
102
82
UL
G1205S-1W
±5
±100
±10
104
100
80
--
G1207S-1W
±7.2
±70
±7
104
80
--
G1209S-1W
±9
±56
±6
102
82
--
G1212S-1W
±12
±42
±5
103
81
--
G1215S-1W
±15
±33
±4
102
82
--
H1505S-1W
15
(13.5-16.5)
5
200
20
82
15
5
220
80
--
G1505S-1W
±5
±100
±10
82
100
80
--
G1515S-1W
±15
±33
±4
81
81
--
H2403S-1W
24
(21.6- 26.4)
3.3
303
30
58
10
5
220
72
--
H2405S-1W
5
200
20
52
80
--
H2412S-1W
12
84
9
52
80
--
H2415S-1W
15
67
7
52
80
--
G2412S-1W
±12
±42
±5
52
100
80
--
Note: *The capacitive loads of positive and negative outputs are identical.




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl