Selected language     English  ▼


G0507S-1W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part No. G0507S-1W
Description  FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MORNSUN [MORNSUN Science& Technology Ltd.]
Homepage  http://www.mornsun-power.com
Logo 

   
 2 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
H_S-1W & G_S-1W
2015.04.27-B/4 Page 2 of 5
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Input Surge Voltage
(1 sec. max.)
5VDC Input
-0.7
--
9
VDC
12VDC Input
-0.7
--
18
15VDC Input
-0.7
--
21
24VDC Input
-0.7
--
30
Input Filter
Capacitor
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
See tolerance envelope curve
Line Regulation
For Vin change of ±1%
--
--
±1.2
--
Load Regulation
10% to 100% load
3.3VDC output
--
15
--
%
5VDC output
--
12
--
7.2&9VDC output
--
8
--
12VDC output
--
7
--
15VDC output
--
6
--
24VDC output
--
5
--
Temperature coefficient
100% load
--
--
±0.03
%/°C
Ripple & Noise*
20MHz Bandwidth
Output Voltage ≤12VDC
--
100
--
mVp-p
Output Voltage :15VDC, 24VDC
--
150
--
Short Circuit Protection
Continuous, automatic recovery
Note:* Ripple and noise tested with “parallel cable” method. See detailed operation instructions at DC-DC Application Notes.
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-Output, tested for 1 minute and leakage current less than 1 mA
6000
--
--
VDC
Isolation Resistance
Input-Output, test at 500VDC
1000
--
--
Isolation Capacitance
Input-Output, 100KHz/0.1V
--
10
--
pF
Switching Frequency
Full load, nominal input
--
50
--
KHz
MTBF
MIL-HDBK-217F@25℃
3500
--
--
K hours
Case Material
Plastic (UL94-V0)
Weight
--
4.2
--
g
ENVIRONMENTAL SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Storage Humidity
Non condensing
--
--
95
%
Operating Temperature
Power derating (≥100℃, see Figure 2)
-40
--
105
°C
Storage Temperature
-55
--
125
Temperature rise
Ta=25°C,100% Load
--
25
--
Lead Temperature
1.5mm from case for 10 seconds
--
--
300
Cooling
Free air convection
EMC SPECIFICATIONS
EMI
CE
CISPR22/EN55022 CLASS B(Typical Recommended Circuit Refer to Figure1)
RE
CISPR22/EN55022 CLASS B(Typical Recommended Circuit Refer to Figure1)
EMS
ESD
IEC/EN61000-4-2
Contact ±8KV
perf. Criteria B




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl