Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1215S-2WR2 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # B1215S-2WR2
Description  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B1215S-2WR2 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  B1215S-2WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B1215S-2WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B1215S-2WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B1215S-2WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. B1215S-2WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DC/DC Converter
A_S-2WR2 & B_S-2WR2 series
2015.04.20-A/2
Page 4 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
B0505S-2WR2
50
55
60
65
70
75
80
85
90
95
100
4.5 4.6 4.7 4.8 4.9
5 5.1 5.2 5.3 5.4 5.5
Input Voltage(V)
Efficiency Vs Innput Voltage (Full Load)
B0505S-2WR2
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Output Current Percentage(%)
Efficiency Vs Output Load(Vin=5V)
B1212S-2WR2
50
55
60
65
70
75
80
85
90
95
100
10.8 11.1 11.4 11.7 12.0 12.3 12.6 12.9 13.2
Input Voltage(V)
Efficiency Vs Input Voltage (Full Load)
B1212S-2WR2
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
Output Current Percentage(%)
Efficiency Vs Output Load(Vin=12V)
Design Reference
1. Typical application circuit
If it is required to further reduce input and output ripple, a filter capacitor may be connected to the input and output terminals, see Fig.3.
Moreover, choosing a suitable filter capacitor is very important, start-up problems may be caused if the capacitance is too large. Under the
condition of safe and reliable operation, the recommended capacitive load values are shown in Table 1.
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
Cout
-Vo
Dual Output
Single Output
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
Fig.3
Recommended capacitive load value table (Table 1)
Vin
(VDC)
Cin
(μF)
Single Vo
(VDC)
Cout
(μF)
Dual Vo
(VDC)
Cout
(μF)
54.7
3.3/5
10
±3.3/±5
4.7
9/12
2.2
9/12
2.2
±9/±12
1
15
2.2
15/24
1
±15/±24
0.47
24
1
--
--
--
--
2. EMC typical recommended circuit (CLASS B)
Vin
GND
+Vo
-Vo
(0V)
DC/DC
LOAD
LDM
C1
Vin
GND
C3
C2
CY
Fig. 4
Input voltage (VDC)
5/9/12/15
24
EMI
C1/C2
4.7μF /50V
CY
--
1nF/2KV
C3
Refer to the Cout in Fig.3
LDM
6.8μH
Note: 1. 24V input series is subject to CY (CY : 1nF/2KV).
2. It is not needed to add the component in the peripheral circuit when
parameter with the symbol of "--".


Similar Part No. - B1215S-2WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B1215S-2WR2 MORNSUN-B1215S-2WR2 Datasheet
811Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B1215S-2WR2 MORNSUN-B1215S-2WR2 Datasheet
811Kb / 5P
   2W, FIXED INPUT, ISOLATED & UNREGULATED
logo
Guangzhou Reicu Electro...
B1215S-2WR2 REICU-B1215S-2WR2 Datasheet
4Mb / 1P
   1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
More results

Similar Description - B1215S-2WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com