Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH10-10B15 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # LH10-10B15
Description  10W, AC-DC converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH10-10B15 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  LH10-10B15 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH10-10B15 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH10-10B15 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH10-10B15 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH10-10B15 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH10-10B15 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH10-10B15 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AC/DC Converter
LH10 Series
2015.08.24-B/3
Page 4 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Design Reference
1. Typical application circuit
AC(L)
+Vo
-Vo
AC(L)
AC(N)
AC(N)
C 1 C 2
TV S
RL
FUSE
AC DC
MO V
NTC
Fig. 1: LH10-10Bxx (SIngle Output) seriesTypical application circuit
FUSE
+Vo
AC(L)
AC(N)
-Vo
AC(N) C om
C 4
C 2
C 1
C 3
RL
TV S1
TV S2
RL
NTC
AC(L)
AC DC
MO V
Fig. 2: LH10-10Axx (Dual Output) series typical application circuit
+
-
C1
C4
C3
C2
-
Vo1
Vo2
TVS1
TVS2
RL
RL
FUSE
AC(L)
AC(N)
AC(N)
NTC
+
AC(L)
ACDC
M OV
Fig. 3: LH10-10Dxx (Isolate Twin Output) series typical application
circuit
+
C1
C4
C3
C2
-
Vo1
Com
TVS1
TVS2
RL
RL
FUSE
AC(L)
AC(N)
AC(N)
AC(L)
ACDC
MO V
+Vo2
C6
C5
TVS3
RL
-Vo2
NTC
Fig. 4: LH10-10Cxx (Triple Output) series typical application circuit
Model
C2(µF)
C4(µF)
C6(µF)
TVS1
TVS2
TVS3
LH10-10B03
470
SMBJ7.0A
LH10-10B05
330
SMBJ7.0A
LH10-10B09
120
SMBJ12A
LH10-10B12
120
SMBJ20A
LH10-10B15
120
SMBJ20A
LH10-10B24
68
SMBJ30A
LH10-10A05
220
220
SMBJ7.0A
LH10-10A12
120
120
SMBJ20A
SMBJ20A
LH10-10A15
47
47
SMBJ20A
SMBJ20A
LH10-10A24
33
33
SMBJ30A
SMBJ30A
LH10-10C0512-02
220
68
68
SMBJ7.0A
SMBJ20A
SMBJ20A
LH10-10C0515-02
220
47
47
SMBJ7.0A
SMBJ20A
SMBJ20A
LH10-10D0505-02
220
68
SMBJ7.0A
SMBJ7.0A
LH10-10D0512-02
220
68
SMBJ7.0A
SMBJ20A
LH10-10D0515-02
220
47
SMBJ7.0A
SMBJ20A
LH10-10D0524-02
220
47
SMBJ7.0A
SMBJ30A
Note:
Note: Output filtering capacitors C2, C4, C6 are electrolytic capacitors, it is recommended to use high frequency and low impedance electrolytic capacitor.
For capacitance and current of capacitor please refer to manufacture’s datasheet. Capacitor withstand voltage derating should be 80% or above. C1,C3, C5
are ceramic capacitors, which is used to filter high-frequency noise. TVS is a recommended component to protect post-circuits if converter fails. External input
FUSE model is recommended to use 2A/250V slow fusing. External input NTC model is recommended to use 5D-9. External input MOV model is recommended to
use S14K300.
2. EMC solution-recommended circuit
ACDC
AC(N)
AC(L)
LCM
MOV1 CX
CY1
CY2
FUSE
AC(N)
AC(L)
+Vo
-Vo
+
LDM
C1
C2
TVS1
RL
Can use MORNSUN s FC-LX1D
'
Fig 5: EMC Recommended circuit with higher requirements
Element model
Recommended value
Element model
Recommended value
MOV1
S14K300
FC-LX1D
2KV/4KV EMC filter
CY1 , CY2
1000pF/400VAC
LDM
4.7μH/2A
CX
0.1μF/275VAC
FUSE
2A/250V slow fusing, necessary
LCM
10mH, recommended to use MORNSUN’s
FL2D-Z5-103
3. For more information about Mornsun EMC Filter products, please visit www.mornsun-power.com to
download the Selection Guide of EMC Filter


Similar Part No. - LH10-10B15

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-10B15 MORNSUN-LH10-10B15 Datasheet
216Kb / 11P
   5-25W, AC-DC CONVERTER
LH10-10B15 MORNSUN-LH10-10B15 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH10-10B15E MORNSUN-LH10-10B15E Datasheet
462Kb / 5P
   25W, AC-DC CONVERTER
More results

Similar Description - LH10-10B15

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LHE10-20D0512-02ER2 MORNSUN-LHE10-20D0512-02ER2 Datasheet
1Mb / 5P
   10W, AC-DC converter
LD10-20B03 MORNSUN-LD10-20B03_15 Datasheet
2Mb / 6P
   10W, AC/DC converter
LHE10-20A05 MORNSUN-LHE10-20A05 Datasheet
1Mb / 6P
   10W, AC-DC converter
LD10-26B03 MORNSUN-LD10-26B03 Datasheet
1Mb / 6P
   10W, AC/DC converter
LHE10-20B03 MORNSUN-LHE10-20B03 Datasheet
1Mb / 6P
   10W, AC-DC converter
LDE10-20B03 MORNSUN-LDE10-20B03 Datasheet
1Mb / 5P
   10W, AC/DC converter
logo
Minmax Technology Co., ...
MDWI10 MINMAX-MDWI10 Datasheet
489Kb / 5P
   DC-DC CONVERTER 10W
logo
HY-LINE Power Component...
P10C24S33W HY-LINE-P10C24S33W Datasheet
303Kb / 2P
   10W DC-DC Converter P10C-Series
Rev: 9 / 05 f
P10F243R3S HY-LINE-P10F243R3S Datasheet
286Kb / 3P
   10W DC-DC Converter P10F-Series
Rev: 2.10 f
logo
List of Unclassifed Man...
P10D ETC2-P10D Datasheet
174Kb / 2P
   10W DC-DC Converter P10D-Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com