Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH60-20B05-DT Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # LH60-20B05-DT
Description  60W, AC/DC converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH60-20B05-DT Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LH60-20B05-DT Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH60-20B05-DT Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH60-20B05-DT Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH60-20B05-DT Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH60-20B05-DT Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH60-20B05-DT Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH60-20B05-DT Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AC/DC Converter
LH60-20Bxx(-DT) Series
2015.02.27-A/4
Page 3 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
EMC Specifications
EMI
CE
CISPR22/EN55022, CLASS B
RE
CISPR22/EN55022, CLASS B
EMS
ESD
IEC/EN61000-4-2 ±6KV/8KV
Perf. Criteria B
RS
IEC/EN61000-4-3 10V/m
perf. Criteria A
EFT
IEC/EN61000-4-4 ±4KV
perf. Criteria B
Surge
IEC/EN61000-4-5 ±2KV/4KV
perf. Criteria B
IEC/EN61000-4-5 ±4KV/6KV (See Fig. 2 for recommended circuit)
perf. Criteria B
CS
IEC/EN61000-4-6 10 Vr.m.s
perf. Criteria A
PFM
IEC/EN61000-4-8 10A/m
perf. Criteria A
Voltage dips, short interruptions
and voltage variations immunity
IEC/EN61000-4-11 0%-70%
perf. Criteria B
Product Characteristic Curve
- 30
-40
0
50 55 70
10 0
60
Ambient Temperature( )
25
62 .5
24V,48V Output
5V,9V Output
45
12V,15V Output
50
Temperature Derating Curve
Inpu t voltage:
110-264VAC
130-370VDC
Note: ①Input voltage should be derated based on temperature derating when it is 55~110VAC/77~130VDC;
2 This product is suitable for use in natural air cooling environments, if in a closed environment, please contact our company’s FAE.
40
10 0
60
80
11 0
264
Input Voltag e(
)
VAC
90
Ambient temperature: 25
Input Voltage Derating C urve
(
)
LH60- 20Bxx Series
40
10 0
60
80
11 0
264
Input Volta ge( VAC)
90
Ambi ent temp erature:25
Input Voltage Derat ing Curve
(
)
LH60-20Bxx-DT Series
50
55
40
100
60
80
Input Voltage(VDC)
Ambient temperature:25
Inpu t Volta ge D era ting Cur ve
(
)
L H60-20Bxx Series
130
370
122
40
100
60
80
Input Voltage(VDC)
Ambient temperature:25
Input Vol tage Derati ng Curve
(
)
LH60-20Bxx-DT Series
130
370
122
77


Similar Part No. - LH60-20B05-DT

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH60-20B05-DT MORNSUN-LH60-20B05-DT Datasheet
615Kb / 5P
   60W,AC-DC CONVERTER
More results

Similar Description - LH60-20B05-DT

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05 Datasheet
615Kb / 5P
   60W,AC-DC CONVERTER
LHE60-20B05 MORNSUN-LHE60-20B05 Datasheet
1Mb / 6P
   60W, AC-DC converter
logo
List of Unclassifed Man...
HDD60 ETC1-HDD60 Datasheet
191Kb / 4P
   DC-DC CONVERTER 50~60W
logo
Delta Electronics, Inc.
S24SP05012 DELTA-S24SP05012 Datasheet
653Kb / 6P
   60W Single Output DC/DC Converter
logo
List of Unclassifed Man...
P60A ETC1-P60A Datasheet
159Kb / 4P
   60W DC-DC Converter P60A-Series
logo
Delta Electronics, Inc.
S24SP12005PDFA DELTA-S24SP12005PDFA Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
logo
Mean Well Enterprises C...
RSD-60 MEANWELL-RSD-60 Datasheet
958Kb / 10P
   60W Reliable Railway DC-DC Converter
logo
Delta Electronics, Inc.
S24SP12005 DELTA-S24SP12005 Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
S24SP24003 DELTA-S24SP24003 Datasheet
632Kb / 5P
   60W Single Output DC/DC Converter
S24SP15004 DELTA-S24SP15004 Datasheet
643Kb / 5P
   60W Single Output DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com