Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2424XT-1WR2 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # F2424XT-1WR2
Description  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

F2424XT-1WR2 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  F2424XT-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. F2424XT-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. F2424XT-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. F2424XT-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. F2424XT-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DC/DC Converter
F_XT-1WR2 Series
2015.04.14-A/4
Page 4 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Design Reference
1. Typical application circuit
If it is required to further reduce input and output ripple, a filter capacitor may be connected to the input and output terminals, see Fig.3.
Moreover, choosing a suitable filter capacitor is very important, start-up problems may be caused if the capacitance is too large. Under the
condition of safe and reliable operation, the recommended capacitive load values are shown in Table 1.
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
Fig.3
Recommended capacitive load value table (Table 1)
Vin(VDC)
Cin(μF)
Vo (VDC)
Cout(μF)
3.3
4.7
3.3
10
5
4.7
5/6
10
12
2.2
9
4.7
15
2.2
12
2.2
24
1
15
1
--
--
24
0.47
2. EMC solution-recommended circuit
Vin
GND
+Vo
0V
DC/DC
LOAD
LDM
C1
Vin
GND
C2
Fig. 4
Input voltage (VDC)
3.3/5/12/15/24
EMI
C1
4.7μF /50V
C2
Refer to the Cout in Fig.3
LDM
6.8μH
3. Output load requirements
When using, the minimum load of the module output should not be less than 10% of the nominal load. In order to meet the performance
parameters of this datasheet, please connect a 10% dummy load in parallel at the output end, the dummy load is generally a resistor,
Please note that the resistor needs to be used in derating.
4. For more information please find DC-DC converter application notes on www.mornsun-power.com
Dimensions and Recommended Layout
2BXT1WR201-A0
Note:Grid2.54*2.54mm
Note:
Unit:mm[inch]
Pinsectiontolerances:±0.10[±0.004]
Generaltolerances:±0.25[±0.010]
NC:NoConnection
A
0.88[0.035]
12.70±0.50[0.500±0.020]
Function
GND
0V
Pin
1
2
4
Vin
+Vo
5
8NC
FrontView
TopView
RightView
8
5
1
2
4
5
8
1
2
4
TopView
7.62[0.300]
0.60[0.024]
2.54[0.100]
7.62[0.300]
1.00[0.039]
2.54[0.100]
A
0.10
THIRDANGLEPROJECTION
Pin-Out


Similar Part No. - F2424XT-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
F2424XT-1WR2 MORNSUN-F2424XT-1WR2 Datasheet
327Kb / 4P
   DC/DC Converter
More results

Similar Description - F2424XT-1WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com